Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 179 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 175Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 176Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 177Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 178Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 179Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 180Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 181Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 182Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 210 page
background image
179
AT8xC51SND1C
4109E–8051–06/03
Keyboard Interface
The AT8xC51SND1C implement a keyboard interface allowing the connection of a 4 x n
matrix keyboard. It is based on 4 inputs with programmable interrupt capability on both
high or low level. These inputs are available as alternate function of P1.3:0 and allow
exit from idle and power down modes.
Description
The keyboard interfaces with the C51 core through 2 special function registers: KBCON,
the keyboard control register (see Table 151); and KBSTA, the keyboard control and
status register (see Table 152).
The keyboard inputs are considered as 4 independent interrupt sources sharing the
same interrupt vector. An interrupt enable bit (EKB in IEN1 register) allows global
enable or disable of the keyboard interrupt (see Figure 134). As detailed in Figure 135
each keyboard input has the capability to detect a programmable level according to
KINL3:0 bit value in KBCON register. Level detection is then reported in interrupt flags
KINF3:0 in KBSTA register.
A keyboard interrupt is requested each time one of the four flags is set, i.e. the input
level matches the programmed one. Each of these four flags can be masked by soft-
ware using KINM3:0 bits in KBCON register and is cleared by reading KBSTA register.
This structure allows keyboard arrangement from 1 by n to 4 by n matrix and allow
usage of KIN inputs for any other purposes.
Figure 134. Keyboard Interface Block Diagram
Figure 135. Keyboard Input Circuitry
Power Reduction Mode
KIN3:0 inputs allow exit from idle and power-down modes as detailed in section “Power
Management”, page 46. To enable this feature, KPDE bit in KBSTA register must be set
to logic 1.
Due to the asynchronous keypad detection in power down mode (all clocks are
stopped), exit may happen on parasitic key press. In this case, no key is detected and
software must enter power down again.
KIN0
Keyboard Interface
Interrupt Request
EKB
IEN1.4
Input Circuitry
KIN1
Input Circuitry
KIN2
Input Circuitry
KIN3
Input Circuitry
KIN3:0
KINM3:0
KBCON.3:0
KINF3:0
KBSTA.3:0
KINL3:0
KBCON.7:4
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com