Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 182 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 182 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 178Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 179Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 180Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 181Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 182Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 183Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 184Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 185Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 186Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 210 page
background image
182
AT8xC51SND1C
4109E–8051–06/03
Notes:
1. Typical values are obtained using V
DD= 3 V and TA= 25°C. They are not tested and
there is no guarantee on these values.
2. Flash retention is guaranteed with the same formula for VDD min down to 0V.
3. See Table 154 for typical consumption in player mode.
Table 154. Typical Reference Design AT89C51SND1C Power Consumption
I
DD
AT89C51SND1C
Operating Current
(3)
X1 / X2 mode
6.5 / 10.5
8 / 13.5
9.5 / 17
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
AT83C51SND1C
Operating Current
TBD
TBD
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
I
DL
AT89C51SND1C
Idle Mode Current
(3)
X1 / X2 mode
5.3 / 8.1
6.4 / 10.3
7.5 / 13
mA
VDD < 3.3 V
12 MHz
16 MHz
20 MHz
AT83C51SND1C
Idle Mode Current
TBD
TBD
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
I
PD
AT89C51SND1C
Power-Down Mode Current
20
500
µAV
RET < VDD < 3.3 V
AT83C51SND1C
Power-Down Mode Current
TBD
TBD
µAV
RET < VDD < 3.3 V
I
FP
AT89C51SND1C
Flash Programming Current
15
mA
V
DD < 3.3 V
Table 153. Digital DC Characteristics
VDD = 2.7 to 3.3 V, TA = -40 to +85
°C
Symbol
Parameter
Min
Typ(1)
Max
Units
Test Conditions
Player Mode
I
DD
Test Conditions
Stop
10 mA
AT89C51SND1C at 16 MHz, X2 mode, V
DD= 3 V
No song playing
Playing
30 mA
AT89C51SND1C at 16 MHz, X2 mode, VDD= 3 V
MP3 Song with Fs= 44.1 KHz, at any bit rates (Variable Bit Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com