Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 46 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 46 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 42Page - Siemens Semiconductor Group C511 Datasheet HTML 43Page - Siemens Semiconductor Group C511 Datasheet HTML 44Page - Siemens Semiconductor Group C511 Datasheet HTML 45Page - Siemens Semiconductor Group C511 Datasheet HTML 46Page - Siemens Semiconductor Group C511 Datasheet HTML 47Page - Siemens Semiconductor Group C511 Datasheet HTML 48Page - Siemens Semiconductor Group C511 Datasheet HTML 49Page - Siemens Semiconductor Group C511 Datasheet HTML 50Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-13
6.1.4.2 Port Loading and Interfacing
The output buffers of ports 1, 2 and 3 can drive TTL inputs directly. The maximum port load which
still guarantees correct logic output levels can be be seen in the Data Sheet of the SAB-C511/513
family members. The corresponding DC parameters are
V
OL and VOH.
The same applies to port 0 output buffers. They do, however, require external pullups to drive
floating inputs, except when being used as the address/data bus.
When used as inputs it must be noted that the ports 1, 2 and 3 are not floating but have internal
pullup transistors. The driving devices must be capable of sinking a sufficient current if a logic low
level shall be applied to the port pin (the parameters
I
TL and IIL in the DC characteristics specify
these currents). Port 0 has floating inputs when used for digital input.
6.1.4.3
Read-Modify-Write Feature of Ports 1, 2 and 3
Some port-reading instructions read the latch and others read the pin (see figure 6-13). The
instructions reading the latch rather than the pin read a value, possibly change it, and then rewrite
it to the latch. These are called "read-modify-write"- instructions, which are listed in table 6-4. If the
destination is a port or a port pin, these instructions read the latch rather than the pin. Note that all
other instructions which can be used to read a port, exclusively read the port pin. In any case,
reading from latch or pin, resp., is performed by reading the SFR P0, P1, P2 and P3; for example,
"MOV A, P1" reads the value from port 3 pins, while "ANL P1, #0AAH" reads from the latch, modifies
the value and writes it back to the latch.
It is not obvious that the last three instructions in table 6-4 are read-modify-write instructions, but
they are. The reason is that they read the port byte, all 8 bits, modify the addressed bit, then write
the complete byte back to the latch.
Table 6-4
"Read-Modify-Write"-Instructions
Instruction
Function
ANL
Logic AND; e.g. ANL P1, A
ORL
Logic OR; e.g. ORL P2, A
XRL
Logic exclusive OR; e.g. XRL P3, A
JBC
Jump if bit is set and clear bit; e.g. JBC P1.1, LABEL
CPL
Complement bit; e.g. CPL P3.0
INC
Increment byte; e.g. INC P1
DEC
Decrement byte; e.g. DEC P1
DJNZ
Decrement and jump if not zero; e.g. DJNZ P3, LABEL
MOV Px.y,C
Move carry bit to bit y of port x
CLR Px.y
Clear bit y of port x
SETB Px.y
Set bit y of port x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com