Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 59 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 59 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 55Page - Siemens Semiconductor Group C511 Datasheet HTML 56Page - Siemens Semiconductor Group C511 Datasheet HTML 57Page - Siemens Semiconductor Group C511 Datasheet HTML 58Page - Siemens Semiconductor Group C511 Datasheet HTML 59Page - Siemens Semiconductor Group C511 Datasheet HTML 60Page - Siemens Semiconductor Group C511 Datasheet HTML 61Page - Siemens Semiconductor Group C511 Datasheet HTML 62Page - Siemens Semiconductor Group C511 Datasheet HTML 63Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
Semiconductor Group
6-26
On-Chip Peripheral Units
Note: P1.1/T2EX is sampled during S5P2 of every machine cycle. The next increment/decrement
of timer 2 will be done during S3P1 in the next cycle.
6.2.2.2 Capture Mode
In the capture mode there are two options selected by bit EXEN2 in SFR T2CON.
If EXEN2 = 0, timer 2 is a 16-bit timer or counter which upon overflow sets bit TF2 in SFR T2CON.
This bit can be used to generate an interrupt.
If EXEN2 = 1, timer 2 still does the above, but with added feature that a 1-to-0 transition at external
input T2EX causes the current value in TH2 and TL2 to be captured into RC2H and RC2L,
respectively. In addition, the transition at T2EX causes bit EXF2 in SFR T2CON to be set. The EXF2
bit, like TF2, can generate an interrupt. The capture mode is illustrated in figure 6-25.
Figure 6-25
Timer 2 in Capture Mode
The baud rate generator mode is selected by RCLK = 1 and/or TCLK = 1 in SFR T2CON. It will be
described in conjunction with the serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com