Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 63 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 63 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 59Page - Siemens Semiconductor Group C511 Datasheet HTML 60Page - Siemens Semiconductor Group C511 Datasheet HTML 61Page - Siemens Semiconductor Group C511 Datasheet HTML 62Page - Siemens Semiconductor Group C511 Datasheet HTML 63Page - Siemens Semiconductor Group C511 Datasheet HTML 64Page - Siemens Semiconductor Group C511 Datasheet HTML 65Page - Siemens Semiconductor Group C511 Datasheet HTML 66Page - Siemens Semiconductor Group C511 Datasheet HTML 67Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
Semiconductor Group
6-30
On-Chip Peripheral Units
6.3.3
Baud Rates
There are several possibilities to generate the baud rate clock for the serial interface depending on
the mode in which it is operated.
To clearify the terminology, something should be mentioned about the differences between "baud
rate clock" and "baud rate".
The serial interface requires a clock rate which is 16 times the baud rate for the internal
synchronization. Therefore, the baud rate generators have to provide a "baud rate clock" to the
serial interface which - there divided by 16 - results in the actual "baud rate".
However, all formulas given in the following chapter already includes the factor and calculate the
final baud rate.
Mode 0
The baud rate in mode 0 is fixed:
Mode 0 baud rate = oscillator frequency/12 =
f
OSC/12
Mode 2
The baud rate in mode 2 depends on the value of bit SMOD in special function register PCON
(87H). If SMOD = 0 (which is the value on reset), the baud rate is fOSC/64. If SMOD = 1, the baud
rate is
f
OSC/32.
Mode 2 baud rate = 2SMOD/64
×(f
OSC)
Modes 1 and 3
The baud rates in mode 1 and 3 are determined by the timer overflow rate. These baud rates can
be determined by timer 1 or by timer 2 or by both (one for transmit and the other for receive).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com