Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 91 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 91 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 87Page - Siemens Semiconductor Group C511 Datasheet HTML 88Page - Siemens Semiconductor Group C511 Datasheet HTML 89Page - Siemens Semiconductor Group C511 Datasheet HTML 90Page - Siemens Semiconductor Group C511 Datasheet HTML 91Page - Siemens Semiconductor Group C511 Datasheet HTML 92Page - Siemens Semiconductor Group C511 Datasheet HTML 93Page - Siemens Semiconductor Group C511 Datasheet HTML 94Page - Siemens Semiconductor Group C511 Datasheet HTML 95Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
Semiconductor Group
7-4
Interrupt System
7.2
Interrupt Control Bits
7.2.1 Interrupt Enables
Each interrupt vector can be individually enabled or disabled by setting or clearing the
corresponding bit in the SFR IE (Interrupt Enable). This register also contains the global disable bit
EA, which can be cleared/set to disable/enable all interrupts at once.
Special Function Registers IE (Address A8H)
Reset Value : 00H
Bit
Function
EA
Disables all Interrupts.
If EA=0, no interrupt will be acknowledged.
If EA=1, each interrupt source is individually enabled or disabled by
setting or clearing its enable bit.
ESSC
SSC Interrupt Enable
If ESSC = 0 the interrupt of the synchronous serial channel is
disabled
ET2
Timer 2 Interrupt Enable.
If ET2 = 0, the timer 2 interrupt is disabled.
ES
USART Serial Channel Interrupt Enable
(C513/C513A/C513A-H only)
If ES = 0, the serial channel interrupt is disabled.
ET1
Timer 1 Overflow Interrupt Enable.
If ET1 = 0, the timer 1 interrupt is disabled.
EX1
External Interrupt 1 Enable.
If EX1 = 0, the external interrupt 1 is disabled.
ET0
Timer 0 Overflow Interrupt Enable.
If ET0 = 0, the timer 0 interrupt is disabled.
EX0
External Interrupt 0 Enable.
If EX0 = 0, the external interrupt 0 is disabled.
EA
ESSC
ET2
ES
A8H
IE
Bit No.
7
65
43
21
0
MSB
LSB
ET1
EX1
ET0
EX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com