Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 85 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 85 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 81Page - Siemens Semiconductor Group C511 Datasheet HTML 82Page - Siemens Semiconductor Group C511 Datasheet HTML 83Page - Siemens Semiconductor Group C511 Datasheet HTML 84Page - Siemens Semiconductor Group C511 Datasheet HTML 85Page - Siemens Semiconductor Group C511 Datasheet HTML 86Page - Siemens Semiconductor Group C511 Datasheet HTML 87Page - Siemens Semiconductor Group C511 Datasheet HTML 88Page - Siemens Semiconductor Group C511 Datasheet HTML 89Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
Semiconductor Group
6-52
On-Chip Peripheral Units
6.4.8.3
Status Register SCF
This bit addressable register contains the status bits.
Special Function Registers SCF (Address F8H)
Reset Value : XXXXXX00B
Bit
Function
–
Not implemented. Reserved for future use. During reads these bits
will be undefined.
WCOL
Write Collision Detect
If WCOL is set it indicates that an attempt was made to write to the
shift register STB while a data transfer was in progress and not fully
completed. This bit will be set at the trailing edge of the write signal
during the erronous write attempt.
This bit can be reset in two different ways :
1. writing a "0" to the bit (bit access, byte access or read-modify-
write access);
2. by reading the bit or the status register, followed by a write
access to STB.
If bit WCEN in the SCIEN register is set, an interrupt request will be
generated if WCOL is set.
TC
Transfer Completed
If TC is set it indicates that the last transfer has been completed. It is
set with the last sample clock edge of a reception process.
This bit can be reset in two different ways:
1. writing a "0" to the bit (bit access, byte access or read-modify-
write access) after the receive buffer register SRB has been read;
2. by reading the bit or the status register, followed by a read
access to SRB.
If bit TCEN in the SCIEN register is set, an interrupt request will be
generated if TC is set.
–
–––
F8H
SCF
Bit No.
7
65
43
21
0
MSB
LSB
–
–
WCOL
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com