Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 64 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 64 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 60Page - Siemens Semiconductor Group C511 Datasheet HTML 61Page - Siemens Semiconductor Group C511 Datasheet HTML 62Page - Siemens Semiconductor Group C511 Datasheet HTML 63Page - Siemens Semiconductor Group C511 Datasheet HTML 64Page - Siemens Semiconductor Group C511 Datasheet HTML 65Page - Siemens Semiconductor Group C511 Datasheet HTML 66Page - Siemens Semiconductor Group C511 Datasheet HTML 67Page - Siemens Semiconductor Group C511 Datasheet HTML 68Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-31
6.3.3.1 Using Timer 1 to Generate Baud Rates
When timer 1 is used as the baud rate generator, the baud rates in modes 1 and 3 are determined
by the timer 1 overflow rate and the value of SMOD as follows:
Modes 1,3 baud rate = 2SMOD/32
×(timer 1 overflow rate)
The timer 1 interrupt should be disabled in this application. The timer itself can be configured for
either "timer" or "counter" operation, and in any of its 3 running modes. In the most typical
applications, it is configured for "timer" operation, in the auto-reload mode (high nibble of
TMOD=0010B). In that case, the baud rate is given by the formula
Modes 1,3 baud rate = (2SMOD/32
) × (f
OSC/(12×(256–TH1)))
One can achieve very low baud rates with timer 1 by leaving the timer 1 interrupt enabled, and
configuring the timer to run as a 16-bit timer (high nibble of TMOD = 0001B), and using the timer 1
interrupt to do a 16-bit software reload.
Table 6-7 lists commonly used baud rates and how they can be obtained from timer 1.
Table 6-7
Timer 1 Generated Commonly Used Baud Rates
Baud Rate
f
OSC
SMOD
Timer 1
C/T
Mode
Reload
Value
Mode 0 max: 640 kHz
Mode 2 max: 240 K
Modes 1, 3: 40 K
19.2 K
9.6 K
4.8 K
2.4 K
1.2 K
Mode 0 max : 1 MHz
Mode 2 max : 375 K
Mode 1,3 : 62.5 K
19,2 K
9.6 K
4.8 K
2.4 K
1.2 K
110
110
7.68 MHz
7.68 MHz
7.68 MHz
7.68 MHz
7.68 MHz
7.68 MHz
7.68 MHz
7.68 MHz
12 MHz
12 MHz
12 MHz
11.059 MHz
11.059 MHz
11.059 MHz
11.059 MHz
11.059 MHz
6 MHz
12 MHz
X
1
1
0
0
0
0
0
X
1
1
1
0
0
0
0
0
0
X
X
0
0
0
0
0
0
X
X
0
0
0
0
0
0
0
0
X
X
2
2
2
2
2
2
X
X
2
2
2
2
2
2
2
1
X
X
FFH
FFH
FEH
FCH
F8H
EAH
X
X
FFH
FDH
FDH
FAH
F4H
E8H
72H
FEEBH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com