Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 9Page - Siemens Semiconductor Group C511 Datasheet HTML 10Page - Siemens Semiconductor Group C511 Datasheet HTML 11Page - Siemens Semiconductor Group C511 Datasheet HTML 12Page - Siemens Semiconductor Group C511 Datasheet HTML 13Page - Siemens Semiconductor Group C511 Datasheet HTML 14Page - Siemens Semiconductor Group C511 Datasheet HTML 15Page - Siemens Semiconductor Group C511 Datasheet HTML 16Page - Siemens Semiconductor Group C511 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Semiconductor Group
1-8
Introduction
P3.0-P3.7
11,
13-19
11
13
14
15
16
17
18
19
5, 7-13
5
7
8
9
10
11
12
13
I/O
Port 3
is a bidirectional I/O port with internal pull-up resistors.
Port 3 pins that have 1s written to them are pulled high by
the internal pullup resistors, and in that state can be used
as inputs. As inputs, port 3 pins being externally pulled
low will source current (
I
IL, in the DC characteristics)
because of the internal pullup resistors. Port 3 also
contains the interrupt, timer, serial port and external
memory strobe pins that are used by various options.
The output latch corresponding to a secondary function
must be programmed to a one (1) for that function to
operate.
The secondary functions are assigned to the pins of port
3 as follows:
P3.0
RXD
Receiver data input (asynchronous)
or data input/output (synchronous)
of serial interface (USART) 1)
P3.1
TXD
Transmitter data output (USART) 1)
(asynchronous) or clock output
(synchronous) of serial interface
P3.2
INT0
Interrupt 0 input / timer 0 gate control
P3.3
INT1
Interrupt 1 input / timer 1 gate control
P3.4
T0
Counter 0 input
P3.5
T1
Counter 1 input
P3.6
WR
Write control signal : latches the data
byte from port 0 into the external
data memory
P3.7
RD
Read control signal : enables the
external data memory to port 0
1) not available in the C511/511A
XTAL2
20
14
–
XTAL2
Output of the inverting oscillator amplifier.
*) I = Input
O = Output
Table 1-2
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-
44
P-MQFP-
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com