Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFEL Datasheet(PDF) 67 Page - ATMEL Corporation

Part # T80C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFEL Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button T80C5112-RKFEL Datasheet HTML 63Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 64Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 65Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 66Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 67Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 68Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 69Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 70Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
Rev. B - November 10, 2000
67
Preliminary
T80C5112
Reset Value = 00X0 0000b
Bit addressable
Table 42. IE Register
IE - Interrupt Enable Register (A8h)
7
6
5
4
3
2
1
0
EA
EC
-
ES
ET1
EX1
ET0
EX0
Bit Number
Bit
Mnemonic
Description
7
EA
Enable All interrupt bit
Clear to disable all interrupts.
Set to enable all interrupts.
If EA=1, each interrupt source is individually enabled or disabled by setting or clearing its interrupt
enable bit.
6
EC
PCA Interrupt Enable
Clear to disable the the PCA interrupt.
Set to enable the the PCA interrupt.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
ES
Serial port Enable bit
Clear to disable serial port interrupt.
Set to enable serial port interrupt.
3
ET1
Timer 1 overflow interrupt Enable bit
Clear to disable timer 1 overflow interrupt.
Set to enable timer 1 overflow interrupt.
2
EX1
External interrupt 1 Enable bit
Clear to disable external interrupt 1.
Set to enable external interrupt 1.
1
ET0
Timer 0 overflow interrupt Enable bit
Clear to disable timer 0 overflow interrupt.
Set to enable timer 0 overflow interrupt.
0
EX0
External interrupt 0 Enable bit
Clear to disable external interrupt 0.
Set to enable external interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com