Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFEL Datasheet(PDF) 93 Page - ATMEL Corporation

Part # T80C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFEL Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button T80C5112-RKFEL Datasheet HTML 89Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 90Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 91Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 92Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 93Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 94Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 95Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 96Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 97Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 93 / 97 page
background image
Rev. B - November 10, 2000
93
Preliminary
T80C5112
18.6.11. External Clock Drive Characteristics (XTAL1)
18.6.12. External Clock Drive Waveforms
Figure 45. External Clock Drive Waveforms
18.6.13. A/D comverter
Notes: (1)For 10 bits resolution
18.6.14. AC Testing Input/Output Waveforms
Figure 46. AC Testing Input/Output Waveforms
AC inputs during testing are driven at VCC - 0.5 for a logic Ò1Ó and 0.45V for a logic Ò0Ó. Timing measurement
are made at VIH min for a logic Ò1Ó and V
IL max for a logic Ò0Ó.
Symbol
Parameter
Min
Max
Units
TCLCL
Oscillator Period
25
ns
TCHCX
High Time
5
ns
TCLCX
Low Time
5
ns
TCLCH
Rise Time
5
ns
TCHCL
Fall Time
5
ns
TCHCX/TCLCX
Cyclic ratio in X2 mode
40
60
%
Symbol
Parameter
Min
Typ
Max
Units
Conversion time
11
Clock periods (1 for sam-
pling, 10 for conversion)
Fconv_ck
Clock Conversion frequency
350 (1)
kHz
Sampling frequency
8
32
kHz
VCC-0.5 V
0.45 V
0.7VCC
0.2VCC-0.1 V
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX
0.45 V
VCC-0.5 V
0.2VCC+0.9
0.2VCC-0.1
INPUT/OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com