Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFEL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # T80C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFEL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button T80C5112-RKFEL Datasheet HTML 14Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 15Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 16Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 17Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 18Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 19Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 20Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 21Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
18
Rev. B - November 10, 2000
Preliminary
T80C5112
7.6. Registers
7.6.1. PCON: Power configuration register
Table 4. PCON Register
PCON (S:87h)
Power conÞguration Register
Reset Value= 0000 0000b
7.7. Port pins
The value of port pins in the different operating modes is shown on the figure below.
Table 5. Pin Conditions in Special Operating Modes
7
6
5
4
3
2
1
0
SMOD1
SMOD0
RSTD
POF
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7
SMOD1
Double Baud Rate bit
Set to double the Baud Rate when Timer 1 is used and mode 1, 2 or 3 is selected in SCON register.
6
SMOD0
SCON Select bit
When cleared, read/write accesses to SCON.7 are to SM0 bit and read/write accesses to SCON.6 are to SM1 bit.
When set, read/write accesses to SCON.7 are to FE bit and read/write accesses to SCON.6 are to OVR bit.
SCON is Serial Port Control register.
5
RSTD
Reset Detector Disable bit
Clear to disable the Power-Fail detector.
Set to enable the Power-Fail detector.
4
POF
Power-Off flag
Set by hardware when VDD rises above VRET+ to indicate that the Power Supply has been set off.
Must be cleared by software.
3
GF1
General Purpose flag 1
One use is to indicate wether an interrupt occurred during normal operation or during Idle mode.
2
GF0
General Purpose flag 0
One use is to indicate wether an interrupt occurred during normal operation or during Idle mode.
1
PD
Power-Down Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Power-Down mode.
If IDL and PD are both set, PD takes precedence.
0
IDL
Idle Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Idle mode.
If IDL and PD are both set, PD takes precedence.
Mode
Program
Memory
Port 1 pins
Port 3 pins
Port 4 pins
Reset
DonÕt care
Weak High
Weak High
Weak High
Idle
Internal
Data
Data
Data
Power-Down
Internal
Data
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com