Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFEL Datasheet(PDF) 54 Page - ATMEL Corporation

Part # T80C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFEL Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button T80C5112-RKFEL Datasheet HTML 50Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 51Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 52Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 53Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 54Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 55Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 56Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 57Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 97 page
background image
54
Rev. B - November 10, 2000
Preliminary
T80C5112
Table 30. CCAPnH: PCA Modules Capture/Compare Registers High
Table 31. CCAPnL: PCA Modules Capture/Compare Registers Low
Table 32. CH: PCA Counter High
Table 33. CL: PCA Counter Low
13.1. PCA Capture Mode
To use one of the PCA modules in the capture mode either one or both of the CCAPM bits CAPN and CAPP for
that module must be set. The external CEX input for the module (on port 1) is sampled for a transition. When a
valid transition occurs the PCA hardware loads the value of the PCA counter registers (CH and CL) into the
module's capture registers (CCAPnL and CCAPnH). If the CCFn bit for the module in the CCON SFR and the
ECCFn bit in the CCAPMn SFR are set then an interrupt will be generated (Refer to Figure 24).
CCAPnH Address
n=0-4
CCAP0H=0FAH
CCAP1H=0FBH
CCAP2H=0FCH
CCAP3H=0FDH
CCAP4H=0FEH
7
6
5
4
3
2
1
0
Reset value
0
0
0
0
0
0
0
0
CCAPnL Address
n=0-4
CCAP0L=0EAH
CCAP1L=0EBH
CCAP2L=0ECH
CCAP3L=0EDH
CCAP4L=0EEH
7
6
5
4
3
2
1
0
Reset value
0
0
0
0
0
0
0
0
CH
Address 0F9H
7
6
5
4
3
2
1
0
Reset value
0
0
0
0
0
0
0
0
CL
Address 0E9H
7
6
5
4
3
2
1
0
Reset value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com