Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFEL Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T80C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFEL Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T80C5112-RKFEL Datasheet HTML 9Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 10Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 11Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 12Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 13Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 14Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 15Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 16Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
Rev. B - November 10, 2000
13
Preliminary
T80C5112
6.6.3. Clock selection register
The clock selectionl register is used to define the clock system behavior
CKSEL - Clock Selection Register (85h)
Reset Value = XXXX XXX "RST_OSC" b
Not bit addressable
6.6.4. Clock prescaler register
This register is used to reload the clock prescaler of the CPU and peripheral clock.
CKRL - Clock prescaler Register (97h)
Reset Value = 1111 1111b
Not bit addressable
6.6.5. Clock control register
This register is used to control the X2 mode of the CPU and peripheral clock.
Table 2. CKCON0 Register
7
6
5
4
3
2
1
0
-
-
-
-
-
-
CKS
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
CKS
Active oscillator selection
This bit is used to select the active oscillator
1: The crystal oscillator is selected
0: The high speed RC oscillator is selected.
7
6
5
4
3
2
1
0
M
Bit
Number
Bit
Mnemonic
Description
7:0
CKRL
0000 0000b: Division factor equal 512
1111 1111b: Division factor equal 2
M: Division factor equal 2*(256-M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com