Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFEL Datasheet(PDF) 75 Page - ATMEL Corporation

Part # T80C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFEL Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button T80C5112-RKFEL Datasheet HTML 71Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 72Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 73Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 74Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 75Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 76Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 77Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 78Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
Rev. B - November 10, 2000
75
Preliminary
T80C5112
17.2.3. Signature bytes
The T80C5112 contains 4 factory programmed signatures bytes. To read these bytes, perform the process described
in Section 17.5.1.
17.3. EPROM Programming
17.3.1. Set-up modes
In order to program and verify the EPROM or to read the signature bytes, the T80C5112 is placed in specific set-
up modes (See Figure 33.).
Control and program signals must be held at the levels indicated in Table 50.
17.3.2. Definition of terms
Address Lines:
P1.0-P1.7, P2.0-P2.5, P3.4, P3.5 respectively for A0-A15 (P2.5 (A13) for RB, P3.4 (A14) for
RC, P3.5 (A15) for RD)
Data Lines:
P0.0-P0.7 for D0-D7
Control Signals:
RST, PSEN, P2.6, P2.7, P3.3, P3.6, P3.7.
Program Signals: ALE/PROG, RST/VPP.
Table 50. EPROM Set-Up Modes
Mode
RST
PSEN
ALE/
PROG
RST/
VPP
P2.6
P2.7
P3.3
P3.6
P3.7
Program Code data
1
0
12.75V
0
1
1
1
1
Verify Code data
1
0
1
1
0
0
1
1
Program Encryption Array
Address 0-3Fh
1
0
12.75V
0
1
1
0
1
Read Signature Bytes
1
0
1
1
0
0
0
0
Program Lock bit 1
1
0
12.75V
1
1
1
1
1
Program Lock bit 2
1
0
12.75V
1
1
1
0
0
Program Lock bit 3
1
0
12.75V
1
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com