Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKFEL Datasheet(PDF) 77 Page - ATMEL Corporation

Part # T80C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKFEL Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button T80C5112-RKFEL Datasheet HTML 73Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 74Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 75Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 76Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 77Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 78Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 79Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 80Page - ATMEL Corporation T80C5112-RKFEL Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
Rev. B - November 10, 2000
77
Preliminary
T80C5112
Figure 34. Programming and Verification Signal’s Waveform
17.4. EPROM Erasure (Windowed Packages Only)
Erasing the EPROM erases the code array, the encryption array and the lock bits returning the parts to full
functionality.
Erasure leaves all the EPROM cells in a 1Õs state (FF).
17.4.1. Erasure Characteristics
The recommended erasure procedure is exposure to ultraviolet light (at 2537 ) to an integrated dose at least 15
W-sec/cm2. Exposing the EPROM to an ultraviolet lamp of 12,000
m W/cm2 rating for 30 minutes, at a distance
of about 25 mm, should be sufficient. An exposure of 1 hour is recommended with most of standard erasers.
Erasure of the EPROM begins to occur when the chip is exposed to light with wavelength shorter than approximately
4,000 . Since sunlight and fluorescent lighting have wavelengths in this range, exposure to these light sources
over an extended time (about 1 week in sunlight, or 3 years in room-level fluorescent lighting) could cause
inadvertent erasure. If an application subjects the device to this type of exposure, it is suggested that an opaque
label be placed over the window.
17.5. Signature Bytes
17.5.1. Signature bytes content
The T80C5112 has four signature bytes in location 30h, 31h, 60h and 61h. To read these bytes follow the procedure
for EPROM verify but activate the control lines provided in xxxx for Read Signature Bytes. Table 51. shows the
content of the signature byte for the T80C5112.
Table 51. Signature Bytes Content
Location
Contents
Comment
30h
58h
Manufacturer Code: Atmel Wireless & Microcontrollers
31h
57h
Family Code: C51 X2
60h
2Dh
Product name: T80C5112 8K ROM version
60h
ADh
Product name: T80C5112 8K OTP version
61h
EFh
Product revision number : T80C5112 Rev.0
Control
signals
Data In
ALE/PROG
A0-A12
Programming Cycle
100
m s
D0-D7
RST/VPP
Data Out
Read/Verify Cycle
12.75V
5V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com