Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 36 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 36 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 32Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 33Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 34Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 35Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 36Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 37Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 38Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 39Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
P30
Datasheet
November 2007
36
Order Number: 306666-11
7.4
AC Write Specifications
Table 19: AC Write Specifications
Num
Symbol
Parameter
Min
Max
Unit
Notes
W1
tPHWL
RST# high recovery to WE# low
150
-
ns
1,2,3
W2
tELWL
CE# setup to WE# low
0
-
ns
1,2,3
W3
tWLWH
WE# write pulse width low
50
-
ns
1,2,4
W4
tDVWH
Data setup to WE# high
50
-
ns
1,2
W5
tAVWH
Address setup to WE# high
50
-
ns
W6
tWHEH
CE# hold from WE# high
0
-
ns
W7
tWHDX
Data hold from WE# high
0
-
ns
W8
tWHAX
Address hold from WE# high
0
-
ns
W9
tWHWL
WE# pulse width high
20
-
ns
1,2,5
W10
tVPWH
VPP setup to WE# high
200
-
ns
1,2,3,7
W11
tQVVL
VPP hold from Status read
0
-
ns
W12
tQVBL
WP# hold from Status read
0
-
ns
1,2,3,7
W13
tBHWH
WP# setup to WE# high
200
-
ns
W14
tWHGL
WE# high to OE# low
0
-
ns
1,2,9
W16
tWHQV
WE# high to read valid
tAVQV + 35
-
ns
1,2,3,6,10
Write to Asynchronous Read Specifications
W18
tWHAV
WE# high to Address valid
0
-
ns
1,2,3,6,8
Write to Synchronous Read Specifications
W19
tWHCH/L
WE# high to Clock valid
19
-
ns
1,2,3,6,10
W20
tWHVH
WE# high to ADV# high
19
-
ns
Write Specifications with Clock Active
W21
tVHWL
ADV# high to WE# low
-
20
ns
1,2,3,11
W22
tCHWL
Clock high to WE# low
-
20
ns
Notes:
1.
Write timing characteristics during erase suspend are the same as write-only operations.
2.
A write operation can be terminated with either CE# or WE#.
3.
Sampled, not 100% tested.
4.
Write pulse width low (tWLWH or tELEH) is defined from CE# or WE# low (whichever occurs last) to CE# or WE# high
(whichever occurs first). Hence, tWLWH = tELEH = tWLEH = tELWH.
5.
Write pulse width high (tWHWL or tEHEL) is defined from CE# or WE# high (whichever occurs first) to CE# or WE# low
(whichever occurs last). Hence, tWHWL = tEHEL = tWHEL = tEHWL).
6.
tWHVH or tWHCH/L must be met when transitioning from a write cycle to a synchronous burst read.
7.
VPP and WP# should be at a valid level until erase or program success is determined.
8.
This specification is only applicable when transitioning from a write cycle to an asynchronous read. See spec W19 and
W20 for synchronous read.
9.
When doing a Read Status operation following any command that alters the Status Register, W14 is 20 ns.
10.
Add 10 ns if the write operation results in a RCR or block lock status change, for the subsequent read operation to reflect
this change.
11.
These specs are required only when the device is in a synchronous mode and clock is active during address setup phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com