Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 77 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 77 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 73Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 74Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 75Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 76Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 77Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 78Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 79Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 80Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 81Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
77
P30
Notes:
1.
"Illegal commands" include commands outside of the allowed command set (allowed commands: 40H [pgm], 20H [erase],
etc.)
2.
If a "Read Array" is attempted from a busy partition, the result will be invalid data. The ID and Query data are located at
different locations in the address map.
3.
1st and 2nd cycles of "2 cycles write commands" must be given to the same partition address, or unexpected results will
occur.
4.
To protect memory contents against erroneous command sequences, there are specific instances in a multi-cycle
command sequence in which the second cycle will be ignored. For example, when the device is program suspended and an
erase setup command (0x20) is given followed by a confirm/resume command (0xD0), the second command will be
ignored because it is unclear whether the user intends to erase the block or resume the program operation.
5.
The Clear Status command only clears the error bits in the status register if the device is not in the following modes: WSM
running (Pgm Busy, Erase Busy, Pgm Busy In Erase Suspend, OTP Busy, BEFP modes).
6.
BEFP writes are only allowed when the status register bit #0 = 0, or else the data is ignored.
Figure 37: Write State Machine—Next State Table (Sheet 6 of 6)
OTP Busy
BP Busy,
Word Program
Busy,
Erase Busy,
BP Busy
BP Busy in Erase
Suspend
Word Pgm
Suspend,
Word Pgm Busy in
Erase Suspend,
Pgm Suspend In
Erase Suspend
BEFP Setup,
BEFP Pgm & Verify
Busy,
Erase Setup,
OTP Setup,
BP: Setup, Load 1,
Load 2, Confirm,
Word Pgm Setup,
Word Pgm Setup in
Erase Susp,
BP Setup, Load1,
Load 2, Confirm in
Erase Suspend
Current chip state
Ready,
Erase Suspend,
BP Suspend
Lock/CR Setup,
Lock/CR Setup in
Erase Susp
OTP
Setup
(4)
Lock
Block
Confirm
(8)
Lock-Down
Block
Confirm
(8)
Write CR
Confirm
(8)
Block Address
(?WA0)
Illegal Cmds or
BEFP Data
(1)
(C0H)
(01H)
(2FH)
(03H)
(FFFFH)
(all other codes)
WSM
Operation
Completes
Output does
not change.
Array
Read
Status Read
Array Read
Output does not
change.
Output does not change.
Status
Read
Status Read
Status Read
Command Input to Chip and resulting Output Mux Next State
Output Next State Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com