Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 31 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 31 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 27Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 28Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 29Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 30Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 31Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 32Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 33Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 34Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
31
P30
R3
tELQV
CE# low to output valid
VCC = 1.8 V – 2.0
V
-85
ns
VCC = 1.7 V – 2.0
V
-88
256/512-Mb TSOP
packages
-95
R4
tGLQV
OE# low to output valid
-
25
ns
1,2
R5
tPHQV
RST# high to output valid
-
150
ns
1
R6
tELQX
CE# low to output in low-Z
0
-
ns
1,3
R7
tGLQX
OE# low to output in low-Z
0
-
ns
1,2,3
R8
tEHQZ
CE# high to output in high-Z
-
24
ns
1,3
R9
tGHQZ
OE# high to output in high-Z
-
24
ns
R10
tOH
Output hold from first occurring address, CE#, or OE#
change
0-
ns
R11
tEHEL
CE# pulse width high
20
-
ns
1
R12
tELTV
CE# low to WAIT valid
-
17
ns
R13
tEHTZ
CE# high to WAIT high-Z
-
20
ns
1,3
R15
tGLTV
OE# low to WAIT valid
-
17
ns
1
R16
tGLTX
OE# low to WAIT in low-Z
0
-
ns
1,3
R17
tGHTZ
OE# high to WAIT in high-Z
-
20
ns
Latching Specifications
R101
tAVVH
Address setup to ADV# high
10
-
ns
1
R102
tELVH
CE# low to ADV# high
10
-
ns
R103
tVLQV
ADV# low to output valid
VCC = 1.8 V – 2.0
V
-85
ns
VCC = 1.7 V – 2.0
V
-88
256/512-Mb TSOP
packages
-95
R104
tVLVH
ADV# pulse width low
10
-
ns
R105
tVHVL
ADV# pulse width high
10
-
ns
R106
tVHAX
Address hold from ADV# high
9
-
ns
1,4
R108
tAPA
Page address access
-
25
ns
1
R111
tphvh
RST# high to ADV# high
30
-
ns
Clock Specifications
R200
fCLK
CLK frequency
-
52
MHz
1,3,5,6
TSOP Package
-
40
MHz
R201
tCLK
CLK period
19.2
-
ns
TSOP Package
25
-
ns
R202
tCH/CL
CLK high/low time
5
-
ns
R203
tFCLK/RCLK
CLK fall/rise time
-
3
ns
Synchronous Specifications(5,6)
Table 17: AC Read Specifications for 256/512-Mbit Densities (Sheet 2 of 3)
Num
Symbol
Parameter
Speed
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com