Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 86 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 86 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 82Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 83Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 84Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 85Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 86Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 87Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 88Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 89Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 90Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 99 page
background image
P30
Datasheet
November 2007
86
Order Number: 306666-11
Figure 45: Protection Register Programming Flowchart
FULL STATUS CHECK PROCEDURE
Program Protection Register operation addresses must be
within the Protection Register address space. Addresses
outside this space will return an error.
Repeat for subsequent programming operations.
Full Status Register check can be done after each program, or
after a sequence of program operations.
Write 0xFF after the last operation to set Read Array state.
Only the Clear Staus Register command clears SR[1, 3, 4].
If an error is detected, clear the Status register before
attempting a program retry or other error recovery.
1
0
1
1
1
PROTECTION REGISTER PROGRAMMING PROCEDURE
Start
Write 0xC0,
PR Address
Write PR
Address & Data
Read Status
Register
SR[7] =
Full Status
Check
(if desired)
Program
Complete
Read Status
Register Data
Program
Successful
SR[3] =
SR[4] =
SR[1] =
V
PP Range Error
Program Error
Register Locked;
Program Aborted
Idle
Idle
Bus
Operation
None
None
Command
Check SR[3]:
1 =V
PP Range Error
Check SR[4]:
1 =Programming Error
Comments
Write
Write
Idle
Program
PR Setup
Protection
Program
None
Data = 0xC0
Addr = First Location to Program
Data = Data to Program
Addr = Location to Program
Check SR[7]:
1 = WSM Ready
0 = WSM Busy
Bus
Operation Command
Comments
Read
None
Status Register Data.
Idle
None
Check SR[1]:
1 =Block locked; operation aborted
(Program Setup)
(Confirm Data)
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com