Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 45 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 45 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 41Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 42Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 43Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 44Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 45Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 46Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 47Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 48Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
45
P30
9.2
Device Commands
Device operations are initiated by writing specific device commands to the Command
User Interface (CUI). See Table 23, “Command Bus Cycles” on page 45. Several
commands are used to modify array data including Word Program and Block Erase
commands. Writing either command to the CUI initiates a sequence of internally-timed
functions that culminate in the completion of the requested task. However, the
operation can be aborted by either asserting RST# or by issuing an appropriate
suspend command.
Table 23: Command Bus Cycles
Mode
Command
Bus
Cycles
First Bus Cycle
Second Bus Cycle
Oper
Addr(1)
Data(2)
Oper
Addr(1)
Data(2)
Read
Read Array
1
Write
DnA
0xFF
-
-
-
Read Device Identifier
≥ 2
Write
DnA
0x90
Read
DBA + IA
ID
CFI Query
≥ 2
Write
DnA
0x98
Read
DBA + QA
QD
Read Status Register
2
Write
DnA
0x70
Read
DnA
SRD
Clear Status Register
1
Write
DnA
0x50
-
-
-
Program
Word Program
2
Write
WA
0x40/
0x10
Write
WA
WD
Buffered Program(3)
> 2Write
WA
0xE8
Write
WA
N - 1
Buffered Enhanced Factory
Program (BEFP)(4)
> 2
Write
WA
0x80
Write
WA
0xD0
Erase
Block Erase
2
Write
BA
0x20
Write
BA
0xD0
Suspend
Program/Erase Suspend
1
Write
DnA
0xB0
-
-
-
Program/Erase Resume
1
Write
DnA
0xD0
-
-
-
Block
Locking/
Unlocking
Lock Block
2
Write
BA
0x60
Write
BA
0x01
Unlock Block
2
Write
BA
0x60
Write
BA
0xD0
Lock-down Block
2
Write
BA
0x60
Write
BA
0x2F
Protection
Program Protection Register
2
Write
PRA
0xC0
Write
PRA
PD
Program Lock Register
2
Write
LRA
0xC0
Write
LRA
LRD
Configuration Program Read Configuration
Register
2
Write
RCD
0x60
Write
RCD
0x03
Notes:
1.
First command cycle address should be the same as the operation’s target address.
DBA = Device Base Address (NOTE: needed for dual-die 512 Mb device)
DnA = Address within the device.
IA = Identification code address offset.
QA = CFI Query address offset.
WA = Word address of memory location to be written.
BA = Address within the block.
PRA = Protection Register address.
LRA = Lock Register address.
RCD = Read Configuration Register data on QUAD+ A[15:0] or EASY BGA A[16:1].
2.
ID = Identifier data.
QD = Query data on DQ[15:0].
SRD = Status Register data.
WD = Word data.
N = Word count of data to be loaded into the write buffer.
PD = Protection Register data.
LRD = Lock Register data.
3.
The second cycle of the Buffered Program Command is the word count of the data to be loaded into the write buffer. This
is followed by up to 32 words of data.Then the confirm command (0xD0) is issued, triggering the array programming
operation.
4.
The confirm command (0xD0) is followed by the buffer data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com