Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 40 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 40 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 36Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 37Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 38Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 39Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 40Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 41Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 42Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 43Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
P30
Datasheet
November 2007
40
Order Number: 306666-11
W500
tERS/PB
Erase Time
32-KByte Parameter
-
0.4
2.5
-
0.4
2.5
s
1
W501
tERS/MB
128-KByte Main
-
1.2
4.0
-
1.0
4.0
W600
tSUSP/P
Suspend
Latency
Program suspend
-
20
25
-
20
25
µs
W601
tSUSP/E
Erase suspend
-
20
25
-
20
25
W602
tERS/SUSP
Erase to Suspend
-
500
-
-
500
-
1,3
Notes:
1.
Typical values measured at TC = +25 °C and nominal voltages. Performance numbers are valid for all speed versions. Excludes system
overhead. Sampled, but not 100% tested.
2.
Averaged over entire device.
3.
W602 is the typical time between an initial block erase or erase resume command and the a subsequent erase suspend
command. Violating the specification repeatedly during any particular block erase may cause erase failures.
Table 20:
Num
Symbol
Parameter
VPPL
VPPH
Units
Notes
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com