Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30B85 Datasheet(PDF) 27 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 27 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 23Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 24Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 25Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 26Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 27Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 28Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 29Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 30Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 31Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
27
P30
6.2
DC Voltage Characteristics
IPPE
VPP Erase Current
0.05
0.10
0.05
0.10
mA
VPP = VPPL, erase in progress
822
8
22
VPP = VPPH, erase in progress
Notes:
1.
All currents are RMS unless noted. Typical values at typical VCC, TC = +25 °C.
2.
ICCS is the average current measured over any 5 ms time interval 5 µs after CE# is deasserted.
3.
Sampled, not 100% tested.
4.
ICCES is specified with the device deselected. If device is read while in erase suspend, current is ICCES plus ICCR.
5.
ICCW, ICCE measured over typical or max times specified in Section 7.5, “Program and Erase
Characteristics” on page 39.
Table 13: DC Voltage Characteristics
Sym
Parameter
CMOS Inputs
(VCCQ = 1.7 V – 3.6 V)
TTL Inputs (1)
(VCCQ = 2.4 V – 3.6 V)
Unit
Test Condition
Notes
Min
Max
Min
Max
VIL
Input Low Voltage
0
0.400.6
V
2
VIH
Input High Voltage
VCCQ – 0.4 V
VCCQ
2.0
VCCQ
V
VOL
Output Low Voltage
-
0.1
-
0.1
V
VCC = VCCMin
VCCQ = VCCQMin
IOL = 100 µA
VOH
Output High Voltage
VCCQ – 0.1
-
VCCQ – 0.1
-
V
VCC = VCCMin
VCCQ = VCCQMin
IOH = –100 µA
VPPLK
VPP Lock-Out Voltage
-
0.4
-
0.4
V
3
VLKO
VCC Lock Voltage
1.0
-
1.0
-
V
VLKOQ
VCCQ Lock Voltage
0.9
-
0.9
-
V
Notes:
1.
Synchronous read mode is not supported with TTL inputs.
2.
VIL can undershoot to –0.4 V and VIH can overshoot to VCCQ + 0.4 V for durations of 20 ns or less.
3.
VPP ≤ VPPLK inhibits erase and program operations. Do not use VPPL and VPPH outside their valid ranges.
Table 12: DC Current Characteristics (Sheet 2 of 2)
Sym
Parameter
CMOS
Inputs
(VCCQ =
1.7 V - 3.6
V)
TTL Inputs
(VCCQ =
2.4 V - 3.6
V)
Unit
Test Conditions
Notes
Typ
Max
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com