Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R80 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC30R80
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R80 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC30R80 Datasheet HTML 3Page - STMicroelectronics STLC30R80 Datasheet HTML 4Page - STMicroelectronics STLC30R80 Datasheet HTML 5Page - STMicroelectronics STLC30R80 Datasheet HTML 6Page - STMicroelectronics STLC30R80 Datasheet HTML 7Page - STMicroelectronics STLC30R80 Datasheet HTML 8Page - STMicroelectronics STLC30R80 Datasheet HTML 9Page - STMicroelectronics STLC30R80 Datasheet HTML 10Page - STMicroelectronics STLC30R80 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
EXTERNAL COMPONENTS
Name
Function
Formula
Typical Value
RREF (*)
Internal current reference programming
resistor
IREF
=
1.16
RREF
30.1k
Ω ± 1%
CSVR
Battery ripple rejection capacitance
CSVR
=
1
2
π
⋅ fp ⋅ 1.3MΩ
100nF
±10% 100V
@ fp = 1.22Hz
CRT
Ring Trip capacitance
CRT = (25/fring)
⋅ 470nF
470nF
±20% 6V
@ 25Hz
RDC
DC sinthesized resistance
programming resistor
RDC = 5[Rfeed -2Rp]
RDC
≥ 1kΩ
1.5k
Ω ±1%
CAC
AC/DC splitter capacitance
CAC
=
1
2
π ⋅ fsp ⋅ RDC
10
µF ±20% 15V
@ fsp = 10Hz
RS
Protection resistor image
RS = 25
⋅ 2Rp
2.5k
Ω ±1%
ZAC
2 wire AC impedance
ZAC = 25[Zs - 2Rp]
12.5k
Ω ±1%
ZA
SLIC impedance balancing network
ZA = 25
⋅ Zs
15k
Ω ±1%
ZB
Line impedance balancing network
ZB = 25
⋅ Zl
15k
Ω ±1%
CCOMP
AC feedback compensation
capacitance
CCOMP
=
2
2
π ⋅ fo[100 ⋅ Rp]
220pF
±20%
@ fo = 250kHz
RS1
Sensing resistor for Ring Trip
1000
⋅ RR
600k
Ω ±0.5%
RS2
Sensing resistor for Ring Trip
1000
⋅ RR
600k
Ω ±0.5%
QEXT
External transistor
(1)
BD140, MJD32
RPT1
Line series resistor
≥20Ω
20W 1/4W
RPR1
Line series resistor
≥20Ω
20
Ω 1/4W ±1%
RLIM (*)
Current limiting setting resistor
RLIM
= 103 ⋅
1.16
ILIM
; 26k
Ω ÷ 64.9kΩ
51.1k
Ω ±1%
RSWITCH
(***)
Current limiting setting resistor
Rswitch [k
Ω] =
24.4k
Ω
⋅ RLIM [kΩ]
RLIM [k
Ω] − 24.4kΩ
47k
Ω
RTH (**)
OFF/HOOK DETection threshold
setting resistor.
RTH
= 200 ⋅
1.16
ITH
; 23.7k
Ω ÷ 86.6kΩ
26.1k
Ω ±1%
CREV
Polarity reversal transition time
programming
CREV
=
K
∆VTR
∆T
; K
=
1
3750
47nF for 5.67V/ms
RDA
Output Voltage Drop Adjustment
RDA
=
∆Drop ⋅ 20k
Ω
9.6
− ∆Drop
10k
Ω (∆Drop = 3.2V) (2)
RTTX
Teletax Cancellation Resistor
RTTX = 12.5
⋅ [Re (ZLTTX) + 2RP]3.75kΩ
CTTX
Teletax Cancellation Capacitor
CTTX =
1
(12.5 ⋅ Im (ZLTTX) ⋅ 2π ⋅ fTTX)
RPT2
Protection resistor
≥ 8Ω
RPR2
Protection resistor
≥ 8Ω
D1
Overvoltage protection
1N4448
D2
Dual Battery Operation
1N4448
CH
Trans-Hybrid Loss Frequency
Compensation
CH = CCOMP
220pF
±30%
CVCC
Power Supply Filter
100nF
±20%
CVB
Battery Supply Filter
100nF
±20% 100V
Notes:
(1) Transistor characteristics: hFE
≥ 25, IC ≥ 100mA, VCEO ≥ 60V, fT ≥ 15MHz. PDISS depends on application, see Appendix.
For SMD application possible alternatives are MJD350 in D-PACK or BCP53 in SOT223
(2) Typical value needed for 2.2Vrms metering pulse level, if no metering RDA = 0
Ω.
(*)
RREF and RLIM should be connected close to the corresponding pins of STLC30R80.
Avoid any digital line or high voltage swing line to pass close to IREF and RLIM pins. Eventually screen these pins with a GND track.
(**) Inside the formula the coefficient 1.16 must be changed to 1.2 if the selected value of ITh is lower than 5mA.
(***) This resistor must be used only in presence of REN number and short loop see description at page 5/13.
STLC30R80
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com