Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R80 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC30R80
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R80 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC30R80 Datasheet HTML 5Page - STMicroelectronics STLC30R80 Datasheet HTML 6Page - STMicroelectronics STLC30R80 Datasheet HTML 7Page - STMicroelectronics STLC30R80 Datasheet HTML 8Page - STMicroelectronics STLC30R80 Datasheet HTML 9Page - STMicroelectronics STLC30R80 Datasheet HTML 10Page - STMicroelectronics STLC30R80 Datasheet HTML 11Page - STMicroelectronics STLC30R80 Datasheet HTML 12Page - STMicroelectronics STLC30R80 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
APPENDIX A
Battery voltage autoset
The STLC30R80 shows a line voltage depending on the voltage applied to Vbat pin. In particular in the
On-Hook the line voltage is Vbat if the SLIC is put in HI-Z mode or Vbat -7.8V if the SLIC is put in Active
mode.
If the battery voltage applied to the Vbat pin is always -70V (necessary to generate the proper ringing
signal), during the On-Hook the line voltage is higher than 60V.
A simple circuit to generate the proper Off-Hook battery voltage can be used starting from the -70V as
shown in the below figure A1.
The RING command (active low) is used to switch on the NPN transistor and apply the battery voltage
directly to the Vbat pin. When the RING command is high the NPN transistor is off and the zener diode
reduces the voltage applied to the Vbat pin.
STLC30R80
VBAT
24V
BATTERY VOLTAGE (-70V)
D00TL461
BC558
BC556
RING
VCC
470K
Ω
47K
Ω
470K
Ω
68K
Ω
Figure A1.
STLC30R80
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com