Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R80 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC30R80
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R80 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC30R80 Datasheet HTML 1Page - STMicroelectronics STLC30R80 Datasheet HTML 2Page - STMicroelectronics STLC30R80 Datasheet HTML 3Page - STMicroelectronics STLC30R80 Datasheet HTML 4Page - STMicroelectronics STLC30R80 Datasheet HTML 5Page - STMicroelectronics STLC30R80 Datasheet HTML 6Page - STMicroelectronics STLC30R80 Datasheet HTML 7Page - STMicroelectronics STLC30R80 Datasheet HTML 8Page - STMicroelectronics STLC30R80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PIN DESCRIPTION
Pins
Name
Description
1
CSOUT
Chip-Select for output control bits DET and GDK . Active Low. (*)
2
CSIN
Chip-Select for input control bits latches D0 D1 D2 R0 R1 . Active Low. (*)
3
D0
Control Interface input bit 0. (*)
4
D1
Control Interface input bit 1. (*)
5
D2
Control Interface input bit 2. (*)
6
N.C.
Not connected
7
N.C.
Not connected
8
RES
Reset Input; active low. After activation the SLIC is put in Power Down state
9VDD
Control interface Power Supply. VDD = 3.3V or VDD = VCC.
10
VCC
Positive Power Supply (+5V).
11
CRT
Ring-Trip time constant capacitor.
12
N.C.
Not connected
13
N.C.
Not connected
14
SW
Internal switch/limiting current programming pin.
15
AGND
Analog Ground
16
VBAT
Negative Battery Supply.
17
TX
4 wires output stage (Transmitting Port).
18
ZB
Cancelling input of Balance Network for 2 to 4 wires conversion.
19
RS
Protection resistors image. The image resistor is connected between this node and ZAC.
20
ZAC
AC impedance synthesis.
21
ZAC1
RX buffer output/ AC impedance is connected between this node and ZAC.
22
RX
4 wires input stage (Receiving Port). A 100K external resistor must be connected to AGND to
bias the input stage.
23
TTXIN
Metering Signal Input (AC) and Line Voltage Drop Programming (DC). If not used must be connectd
to AGND.
24
CAC
AC feedback input/ AC-DC split capacitor is connected between this node and ILTF.
25
RDC
DC current feedback input. The RDC resistor is connected between this node and ILTF.
26
ILTF
Transversal Line Current Image.
27
RT2
Input pin to sense ringing current , for Ring-Trip detection.
28
RT1
Input pin to sense ringing current , for Ring-Trip detection.
29
AGND
Analog ground.
30
RTH
Off-Hook threshold programming pin.
31
RLIM
Limiting current programming pin.
32
IREF
Voltage reference output to generate internal reference current.
33
CREV
Reverse polarity transition time programming.
34
CSVR
Battery supply filter capacitor.
35
BASE
Driver of the external transistor. Connected to the base.
36
VREG
Regulated voltage. Provides the negative supply to the power line drivers. It is connected to the
emitter of the external transistor.
37
BGND
Battery ground.
38
RING
B wire termination output. IB is the current sunk into this pin.
39
TIP
A wire termination output. IA is the current sourced from this pin.
40
AGND
Analog ground.
STLC30R80
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com