Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R80 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC30R80
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R80 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC30R80 Datasheet HTML 1Page - STMicroelectronics STLC30R80 Datasheet HTML 2Page - STMicroelectronics STLC30R80 Datasheet HTML 3Page - STMicroelectronics STLC30R80 Datasheet HTML 4Page - STMicroelectronics STLC30R80 Datasheet HTML 5Page - STMicroelectronics STLC30R80 Datasheet HTML 6Page - STMicroelectronics STLC30R80 Datasheet HTML 7Page - STMicroelectronics STLC30R80 Datasheet HTML 8Page - STMicroelectronics STLC30R80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
A parallel interface allow to control the operation
of STLC30R80 through a control bus:
- D0 D1 D2 latched input bits defining the Slic
operation mode
- DET and GDK/AL , tri-state outputs, signal the
status of the loop: On/Off-Hook and Ground-Key.
Pin GDK/AL goes low also when the device
thermal protection is activated or a line fault (Tip to
Ring, Tip and/or Ring to Ground or VBAT) is
detected (flowing current
≥ 7.5mA).
-CSIN: chip select for input bits, active Low,
strobes the data present on the control bus into
the internal latch.
- CSOUT: chip select for output bits ; active Low ,
when high DET and GDK/AL goes tri-state.
D0 D1 D2 CSIN and CSOUT inputs are provided
with a 15
µA pull-down current to prevent uncon-
trolled conditions in case the control bus goes
floating.
According to the table 6 operating modes can be
set:
1) Power-Down.
2) Stand-By.
3) Active N.P.
4) Active R.P.
5) Ringing
6) High Impedance Feeding.
Power-Down
It’s an idle state characterised by a very low
power consumption; any functionality is disabled.
It can be set during out of service periods just to
reduce the power consumption.
It is worth noticing that two other conditions can
set the Slic in idle state but with some differences
as reported in the table:
Idle State
DET
GDK/AL
Power Down
Disable
Disable
Reset
Disable
Disable
Thermal Alarm
Low
Low
Stand-By.
Mode selected in On-Hook condition when high
immunity to common mode currents is needed for
the DET bit.
To reduce the current consumption, AC feedback
loop is disabled and only DET and GDK/AL de-
tectors are active.
DC current is limited at 16mA (not programma-
ble); feeding characteristic shown in fig. a.
The voltage drop in on-hook condition is 7.8V.
Active
Mode selected to allow voice signal transmission.
When in ACTIVE mode the voltage drop in on-
hook condition is 7.8V in order to allow proper on-
hook transmission (Fig. b).
Resistive Region is programmable by means of
external resistor RDC, limiting current can be se-
lected by RLIM and Rswitch resistor.
CONTROL INTERFACE
INPUTS
OPERATING MODE
OUTPUTS
D0
D1
D2
DET
(Active Low)
GDK/AL
(Active Low)
0
0
0
0
1
1
1
0
0
1
1
0
1
1
0
1
0
1
0/1
1
0
Power down
Stand-by
Active N.P.
Active R.P.
Ringing
High Impedance Feeding
Ground Start
disable
off/hk
off/hk
off/hk
ring/trip
off/hk
off/hk
disable
gnd-key
gnd-key
gnd-key
disable
disable
gnd-key
16mA
RFEED = 2RP
D98TL307
VBAT -7.8V
I
V
Figure a: STLC30R80 DC Characteristic in
Stand-By Mode.
ILIM [20÷50mA]
RFEED =
RDC
5
+2RP
D99TL435
RFEED = 2RP
VBAT
VBAT -7.8V
I
V
Figure b. STLC30R80 DC Characteristic in
Active Mode.
STLC30R80
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com