Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC30R80
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R80 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC30R80 Datasheet HTML 1Page - STMicroelectronics STLC30R80 Datasheet HTML 2Page - STMicroelectronics STLC30R80 Datasheet HTML 3Page - STMicroelectronics STLC30R80 Datasheet HTML 4Page - STMicroelectronics STLC30R80 Datasheet HTML 5Page - STMicroelectronics STLC30R80 Datasheet HTML 6Page - STMicroelectronics STLC30R80 Datasheet HTML 7Page - STMicroelectronics STLC30R80 Datasheet HTML 8Page - STMicroelectronics STLC30R80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
STLC30R80
INTEGRATED RINGING SLIC
FOR SHORT LOOP APPLICATIONS
MONOCHIP SLIC SUITABLE FOR SHORT
LOOP APPLICATIONS
IMPLEMENTES ALL KEY FEATURES OF
THE BORSHT FUNCTION
INTEGRATED RINGING
SOFT BATTERY REVERSAL WITH PRO-
GRAMMABLE TRANSITION TIME
ON HOOK TRANSMISSION
LOW POWER DISSIPATION IN ALL OPER-
ATING MODES
AUTOMATIC DUAL BATTERY OPERATION
INTEGRATED RING TRIP DETECTION
METERING PULSE INJECTION
LOOP START, GROUND START FEATURES
SURFACE MOUNT PACKAGE
-40 TO +85°C OPERATING RANGE
DESCRIPTION
The STLC30R80 is a SLIC device suitable for
short loop applications. The SLIC provides the
generation of the ringing signal and the standard
battery feeding with full programmability of the DC
characteristic.
In particular two external resistors allow to set the
limiting current value (up to 50mA) and the value
of the resistive feeding when not in constant cur-
rent region.
November 2001
®
BGND
VREG
ILTF
D0
D1
D2
RS
ZAC
IREF
VCC
RING
D99TL431AMOD
DET
GDK/AL
CSIN
CAC
AGND CREV CSVR
LOGIC
INTERFACE
&
DECODER
SUPERVISION
COMMANDS
LINE STATUS
ILT
LINE
INTERFACE
ILL
TIP
RT1 RT2
CRT
REFERENCE
&
BIAS SWITCHING
DC
PROCESSOR
+
AC+
DC
AC
DC
RLIM
RTH
ZB
TX
VDD
VBAT BASE
RDC
AC
PROCESSOR
RX
ZAC1
CSOUT
TTXIN
RES
SW
BLOCK DIAGRAM
TQFP44 (10 x 10)
ORDERING NUMBER: STLC30R80
1/13


Similar Part No. - STLC30R80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Jan-2006
More results

Similar Description - STLC30R80

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
L9215A AGERE-L9215A Datasheet
1Mb / 50P
Short-Loop Sine Wave Ringing SLIC
September 2001
L9216A AGERE-L9216A Datasheet
1Mb / 48P
Short-Loop Ringing SLIC with Ground Start
September 2001
L9500A AGERE-L9500A Datasheet
616Kb / 32P
High-Voltage Ringing SLIC for VolP Applications
September 2001
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
logo
STMicroelectronics
STLC30R81 STMICROELECTRONICS-STLC30R81 Datasheet
250Kb / 17P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Jan-2006
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com