Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R80 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC30R80
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R80 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC30R80 Datasheet HTML 1Page - STMicroelectronics STLC30R80 Datasheet HTML 2Page - STMicroelectronics STLC30R80 Datasheet HTML 3Page - STMicroelectronics STLC30R80 Datasheet HTML 4Page - STMicroelectronics STLC30R80 Datasheet HTML 5Page - STMicroelectronics STLC30R80 Datasheet HTML 6Page - STMicroelectronics STLC30R80 Datasheet HTML 7Page - STMicroelectronics STLC30R80 Datasheet HTML 8Page - STMicroelectronics STLC30R80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSOUT
TTXIN
PINCON_STLC30R80
1
2
3
5
6
4
7
8
9
10
17
11
18 19 20 21 22
44 43 42 41
39
40
38 37 36 35 34
28
27
26
24
23
25
33
32
31
29
30
12 13 14 15 16
CSIN
D0
D1
D2
N.C.
N.C.
RES
VDD
VCC
CRT
CAC
RDC
ILTF
RT2
RT1
AGND
RTH
RLIM
IREF
CREV
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VBAT
Battery voltage
-80 + VCC to +0.4
-80 + VREL to + 0.4
V
V
VCC
Positive supply voltage
-0.4 to +7
V
VDD
Control Interface Supply Voltage
-0.4 to +7
V
A/R/BGND
AGND respect BGND
-2 to +2
V
OPERATING RANGE
Symbol
Parameter
Value
Unit
TopT
Operating temperature range
-40 to +85
°C
VCC
Positive supply voltage
4.75 to 5.25
V
VDD
Control Interface Supply Voltage
3 to 5.25
V
VBAT
Battery voltage
-72 to -15
V
A/BGND
AGND respect BGND
-0.3 to +0.3
V
PD (70)
Max. power dissipation @ Tamb = 70°C
1.1
W
PD(85)
Max. power dissipation @ Tamb = 85°C
0.9
W
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance Junction to Ambient
Typ.
60
°C/W
STLC30R80
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com