Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R80 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC30R80
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R80 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC30R80 Datasheet HTML 5Page - STMicroelectronics STLC30R80 Datasheet HTML 6Page - STMicroelectronics STLC30R80 Datasheet HTML 7Page - STMicroelectronics STLC30R80 Datasheet HTML 8Page - STMicroelectronics STLC30R80 Datasheet HTML 9Page - STMicroelectronics STLC30R80 Datasheet HTML 10Page - STMicroelectronics STLC30R80 Datasheet HTML 11Page - STMicroelectronics STLC30R80 Datasheet HTML 12Page - STMicroelectronics STLC30R80 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ELECTRICAL CHARACTERISTICS (Test Condition, unless otherwise specified: VCC = 5V, VDD = 3.3V,
VB- = -48V, AGND = BGND, Tamb = 25°C).
Note: the limits below listed are guaranteed with the specified test condition and in the 0 to 70°C tem-
perature range. Performance over -40 to +85°C range are guaranteed by product characterisation.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
AC CHARACTERISTICS
Zil
Long. Impedance
each wire
40
Ω
Iil
Long. Current Capability AC
H.I. feeding per wire (ON-HOOK)
5
mApk
STANDBY or ACTIVE per
wire (ON-HOOK)
13
mApk
ACTIVE per wire (OFF-
HOOK). IT = Transversal
Current
80 -IT
mApk
L/T
Long. to transv.
with nominal Rp value
60
dB
C5
T/L
Transv. to long.
40
dB
C3
2wRL
2W return loss.
300 to 3400Hz
22
dB
C6
THL
trans-hybrid loss.
1020Hz; 20Log |VRX/VTX|
30
dB
C2
Ovl
2W overload level
ACTIVE MODE at line
terminals on ref. imped.
3.2
dBm
TXoff
TX output offset
-200
200
mV
G24
Transmit gain abs.
0dBm 1020Hz
-12.38
-12.02
dB
C4
G42
Receive gain abs.
0dBm 1020Hz
5.74
6.1
dB
C1
G24fq
tx gain variation vs.
frequency
rel. 1020Hz, 0dBm 300 to
3400Hz
-0.1
0.1
dB
G42fq
rx gain variation vs.
frequency
rel. 1020Hz, 0dBm 300 to
3400Hz
-0.1
0.1
dB
V2wp
idle channel noise at line
terminals
psophometric
-82
-78
dBmp
C8
V4wp
idle channel noise at TX port
psophometric
-90
-84
dBmp
C7
Thd
total harm. dist. 2w-4w, 4w-
2w
0dBm, 1KHz Il = 20 to
45mA
-50
dB
GTTX
Transfer Gain
VTTX = 100mVRMS @ 16kHz
GTTX
= 20Log 
VL
VTTX
with RL = 200
Ω
14.5
dB
THD (TTX)
TTX Harmonic Distortion
2.2VRMS = on 200
Ω
3%
DC CHARACTERISTICS (TTX pin connected to ground)
Vlohi
Line voltage
Il = 0, H.I. feeding
47
47.4
47.8
V
Vlo
Line voltage
Il = 0, SBY/ACTIVE/ON-
HOOK
38.6
39.9
40.6
V
Ilims
Short circ. curr.
Rloop = 0, SBY
14
16
18
mA
Ilimb
Short circ. curr.
Rloop = 0, H.I. feeding
11
17
20
mA
Ilima
Lim. current accuracy
Rel to progr. val. 20 to 45mA
ACTIVE NP, RP
-10
10
%
Rfeed
Feed res. accuracy
ACTIVE NP, RP
-10
10
%
Rfeed H.I.
Feeding resistance
H.I. feeding
1100
2100
Ω
STLC30R80
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com