Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60135 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC60135
Description  TOSCA ADSL DMT TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60135 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC60135 Datasheet HTML 1Page - STMicroelectronics STLC60135 Datasheet HTML 2Page - STMicroelectronics STLC60135 Datasheet HTML 3Page - STMicroelectronics STLC60135 Datasheet HTML 4Page - STMicroelectronics STLC60135 Datasheet HTML 5Page - STMicroelectronics STLC60135 Datasheet HTML 6Page - STMicroelectronics STLC60135 Datasheet HTML 7Page - STMicroelectronics STLC60135 Datasheet HTML 8Page - STMicroelectronics STLC60135 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
Ptot
Total Power Dissipation
900
1400
mW
Tamb
Ambient Temperature 1m/s airflow
-40
85
°C
The STLC60135 can be splitted up into two differ-
ent sections. The physical one performs the DMT
modulation, demodulation, Reed-Solomon encod-
ing, bit interleaving and 4D trellis coding.
The ATM section embodies framing functions for
the generic and ATM Transmission Convergence
(TC) layers. The generic TC consists of data
scrambling and Reed Solomon error corrections,
with and without interleaving.
The STLC60135 is controlled and programmed
by an external controller (ADSL Transceiver Con-
troller, ATC) that sets the programmable coeffi-
cients.
The firmware controls the initialization phase and
carries out the consequent adaptation operations.
Transient Energy Capabilities
ESD
ESD (Electronic Discharged) tests have been
performed for the Human Body Model (HBM) and
for the Charged Device Model (CDM).
The pins of the device are to be able to withstand
minimum 1500V for the HBM and minimum 250V
for CDM.
Latch-up
The maximum sink or source current from any pin
is limited to 100mA to prevent latch-up.
1
2
3
5
6
4
7
8
9
10
46
11
47 48 49 50 51
135134133132
130
131
129128127126125
100
99
98
96
95
97
105
104
103
101
102
AD_3
VDD
AD_2
AD_0
VSS
AD_1
VDD
AD_6
AD_5
AD_4
VSS
SLT_DAT_F1
VSS
SLT_FRAME_F
SLR_VAL_F
SLR_DAT_F0
SLAP_CLOCK
VDD
SLT_REQ_F
SLT_DAT_S0
SLT_DAT_F0
SLT_DAT_S1
D98TL367B
41 42 43 44 45
136
138
139
140
141
37 38 39 40
94
93
91
90
92
SLR_DAT_F1
SLR_VAL_S
SLR_DAT_S0
SLR_DAT_S1
VDD
12
13
14
15
16
AD_10
VSS
AD_9
AD_7
AD_8
54 55 56 57 58 59
124
122
123
121120119118117
52 53
17
18
19
88
87
89
AD_12
VDD
AD_11
VSS
SLR_FRAME_F
SLR_FRAME_S
86
85
83
82
84
U_TX_ADDR_0
U_TX_ADDR_1
VDD
U_TX_ADDR_3
U_TX_ADDR_2
20
21
22
23
24
AD_14
AD_13
VDD
VSS
PCLK
25
26
27
80
79
81
BE1
VSS
AD_15
U_TX_DATA_0
U_TX_DATA_1
U_TX_ADDR_4
78
77
75
74
76
VDD
U_TX_DATA_2
U_TX_DATA_4
U_TX_DATA_5
U_TX_DATA_3
28
29
30
31
32
RDYB
WR_RDB
CSB
ALE
VDD
62 63 64 65 66 67
116
114
115
113112111110109
60 61
73
U_TX_DATA_6
U_TX_DATA_7
VDD
33
34
35
RESETB
INTB
OBC_TYPE
68 69 70
36
VSS
VSS
71 72
106
107
108
137
142
143
144
Figure 2. Pin Connection
STLC60135
2/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com