Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60135 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC60135
Description  TOSCA ADSL DMT TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60135 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC60135 Datasheet HTML 2Page - STMicroelectronics STLC60135 Datasheet HTML 3Page - STMicroelectronics STLC60135 Datasheet HTML 4Page - STMicroelectronics STLC60135 Datasheet HTML 5Page - STMicroelectronics STLC60135 Datasheet HTML 6Page - STMicroelectronics STLC60135 Datasheet HTML 7Page - STMicroelectronics STLC60135 Datasheet HTML 8Page - STMicroelectronics STLC60135 Datasheet HTML 9Page - STMicroelectronics STLC60135 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PIN FUNCTIONS (continued)
Pin
Name
Type Supply
Driver
BS
Function
139
AFTXD_0
O
VDD
BT4CR
O
Transmit data nibble
140
AFTXD_1
O
VDD
BT4CR
O
Transmit data nibble
141
VSS
0V Ground
142
AFTXD_2
O
VDD
BT4CR
O
Transmit data nibble
143
AFTXD_3
O
VDD
BT4CR
O
Transmit data nibble
144
VDD
(VSS + 3.3V) Power Supply
I/O DRIVER FUNCTION
Driver
Function
BD4CR
CMOS bidirectional, 4mA, slew rate control
BD8SCR
CMOS bidirectional, 8mA, slew rate control, Schmitt trigger
IBUF
CMOS input
IBUFDQ
CMOS input, pull down, IDDq control
IBUFUQ
CMOS input, pull up, IDDq control
PIN SUMMARY
Mnemonic
Type
BS Type
Signals
Function
Power Supply
VDD
(VSS + 3.3V) Power Supply
VSS
0V Ground
ATC Interface
ALE
I
C
1
Used to latch the address of the internal register to be accessed
PCLK
I
I
1
Processor clock
CSB
I
I
1
Chip selected to respond to bus cycle
BE1
I
I
1
Address 1 (not multiplexed)
WR_RDB
I
I
1
Specifies the direction of the access cycle
RDYB
OZ
O
1
Controls the ATC bus cycle termination
INTB
O
O
1
Requests ATC interrupt service
AD
IO
B
16
Multiplexed Address/Data bus
OBC_TYPE
I-PD
I
1
Select between i960 (0) or generic (1) controller interface
Test Access Part Interface
TDI
I-PU
1
refer to section
TDO
OZ
1
TCK
I-PD
1
TMS
I-PU
1
TRSTB
I-PD
1
Analog Front End Interface
AFRXD
I
I
4
Receive data nibble
AFTXD
O
O
4
Transmit data nibble
AFTXED
O
O
4
Transmit echo nibble
CLWD
I
I
1
Start of word indication
PDOWN
O
O
1
Power down analog front end
CTRLDATA
O
O
1
Serial data transmit channel
MCLK
I
C
1
Master clock
STLC60135
6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com