Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60135 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC60135
Description  TOSCA ADSL DMT TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60135 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC60135 Datasheet HTML 17Page - STMicroelectronics STLC60135 Datasheet HTML 18Page - STMicroelectronics STLC60135 Datasheet HTML 19Page - STMicroelectronics STLC60135 Datasheet HTML 20Page - STMicroelectronics STLC60135 Datasheet HTML 21Page - STMicroelectronics STLC60135 Datasheet HTML 22Page - STMicroelectronics STLC60135 Datasheet HTML 23Page - STMicroelectronics STLC60135 Datasheet HTML 24Page - STMicroelectronics STLC60135 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DC Electrical Characteristics
(All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device)
IO Buffers Generic DC Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IIN
Input Leakage Current
VIN =VSS,VDD no pull up /
pull down
-10
10
µA
IOZ
Tristate Leakage Current
VIN =VSS,VDD no pull up /
pull down
-10
10
µA
IPU
Pull up Current
VIN =VSS
-25
-66
-125
mA
IPD
Pull Down Current
VIN =VDD
25
66
125
mA
RPU
Pull up Resistance
VIN =VSS
50
K
RPD
Pull Down Resistance
VIN =VDD
50
K
IO Buffers Dynamic DC Characteristics
Important for transient but measured at (near) DC
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CIN
Input Capacitance
@f = 1MHz
5
pF
dl/dt
Current Derivative
8mA driver, slew rate control
23.5
mA/ns
8mA driver, no slew rate control
89
-125
mA/ns
Ipeak
Peak Current
8mA driver, slew rate control
85
mA
8mA driver, no slew rate control
100
mA
COUT
Output Capacitance (also
bidirectional and tristate drivers)
@f = 1MHz
7
pF
Input / Output CMOS Generic Characteristics
The values presented in the following table apply for all CMOS inputs and/or outputs unless specified
otherwise.
CMOS IO Buffers Generic Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.2 x VDD
V
VIH
High Level Input Voltage
0.8 x VDD
V
VHY
Schmitt trigger hysteresis
slow edge < 1V/ms, only for
SCHMITx
0.8
V
VOL
Low Level Output Voltage
IOUT = XmA*
0.4
V
VOH
High Level Output Voltage
IOUT = XmA*
0.85 x VDD
V
* The reference current is dependent on the exact buffer chosen and is a part of the buffer name. The available values are 2, 4 and 8mA.
Input/ Output TTL Generic Characteristics
The values presented in the following table apply for all TTL inputs and/or outputs unless specified oth-
erwise
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VILHY
Low Level Threshold, falling
slow edge < 1V/ms
0.9
1.35
V
VIHHY
High Level Threshold, rising
slow edge < 1V/ms
1.3
1.9
V
VHY
Schmitt Trigger Hysteresis
slow edge < 1V/ms
0.4
0.7
V
VOL
Low Level Output Voltage
IOUT = XmA*
0.4
V
VOH
High Level Output Voltage
IOUT = XmA*
2.4
V
* The reference current is dependent on the exact buffer chosen and is a part of the buffer name. The available values are 2, 4 and 8mA.
STLC60135
23/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com