Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60135 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC60135
Description  TOSCA ADSL DMT TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60135 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC60135 Datasheet HTML 17Page - STMicroelectronics STLC60135 Datasheet HTML 18Page - STMicroelectronics STLC60135 Datasheet HTML 19Page - STMicroelectronics STLC60135 Datasheet HTML 20Page - STMicroelectronics STLC60135 Datasheet HTML 21Page - STMicroelectronics STLC60135 Datasheet HTML 22Page - STMicroelectronics STLC60135 Datasheet HTML 23Page - STMicroelectronics STLC60135 Datasheet HTML 24Page - STMicroelectronics STLC60135 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Table 6: (continued)
Sequence
Number
Mnemonic
Pin
BS Type
61
U_TxRefB
I
63
U_RxCLK
64
U_RxSOC
65
U_RxCLAV
66
U_RxENBB
68
U_TxCLK
69
U_TxSOC
70
U_TxCLAV
71
U_TxENBB
74
U_TxData_7
I
75
U_TxData_6
I
77
U_TxData_5
I
78
U_TxData_4
I
79
U_TxData_3
I
80
U_TxData_2
I
82
U_TxData_1
I
83
U_TxData_0
I
84
U_TxADDR_4
I
85
U_TxADDR_3
I
87
U_TxADDR_2
I
88
U_TxADDR_1
I
89
U_TxADDR_0
I
90
SLR_FRAME_F
92
SLR_FRAME_S
93
SLR_DATA_S_1
94
SLR_DATA_S_0
96
SLR_DATA_S
97
SLR_DATA_F_1
98
SLR_DATA_F_0
99
SLR_VAL_F
100
SLAP_CLOCK
101
SLT_FRAME_F
103
SLT_DATA_F_1
104
SLT_DATA_F_0
105
SLT_DATA_S_1
106
SLT_DATA_S_0
107
SLT_REQ_F
110
SLT_REQ_S
111
SLT_FRAME_S
112
TDI
113
TDO
114
TMS
116
TCK
118
TRSTB
119
TESTSE
none
120
GP_OUT
O
121
PDOWN
O
123
AFRXD_0
I
124
AFRXD_1
I
125
AFRXD_2
I
126
AFRXD_3
I
128
CLWD
1
I
129
MCLK
1
C
130
CTRLDATA
1
O
132
AFTXED_0
O
133
AFTXED_0
O
135
AFTXED_0
O
136
AFTXED_0
O
138
IDDq
none
139
AFTXD_0
O
140
AFTXD_1
O
142
AFTXD_0
O
143
AFTXD_1
O
General purpose I/O register
2 general Purpose Register (0x040)
Field
Type
Position
bits
Length
Function
GP_IN
R
[0,1]
2
Sampled level
on pins GP_IN
GP_OUT
RW
[2]
1
Output level on
pins GP_OUT
bits from 3 to 15 are reserved
Reset Initialization
The STLC60135 supports two reset modes:
- A ’hardware’ reset is activated by the RESETB
pin (active low). A hard reset occurs when a low
input value is detected at the RESETB input.
The low level must be applied for at least 1ms
to guarantee a correct reset operation. All
clocks and power supplies must be stable for
200ns prior to the rising edge of the RESETB
signal.
- ’Soft’ reset activated by the controller write ac-
cess to a soft reset configuration bit. The reset
process takes less than 10000 MCLK clock cy-
cles.
ELECTRICAL SPECIFICATIONS
Generic
The values presented in the following table apply
for all inputs and/or outputs unless specified oth-
erwise. Specifically they are not influenced by the
choice between CMOS or TTL levels.
STLC60135
22/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com