Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60135 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC60135
Description  TOSCA ADSL DMT TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60135 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC60135 Datasheet HTML 17Page - STMicroelectronics STLC60135 Datasheet HTML 18Page - STMicroelectronics STLC60135 Datasheet HTML 19Page - STMicroelectronics STLC60135 Datasheet HTML 20Page - STMicroelectronics STLC60135 Datasheet HTML 21Page - STMicroelectronics STLC60135 Datasheet HTML 22Page - STMicroelectronics STLC60135 Datasheet HTML 23Page - STMicroelectronics STLC60135 Datasheet HTML 24Page - STMicroelectronics STLC60135 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Table 3: Master Clock (MCLK) AC Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
F
Clock Frequency
35.328
MHz
Tper
Clock Period
28.3
ns
Th
Clock Duty Cycle
40
60
%
Table 4: AFTXD, AFTXED, CLWD AC Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tv
Data Valid Time
0
10
ns
Tc
Data Valid Time
0
10
ns
Table 5: AFRXD AC Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Ts
Data setup Time
5
ns
Th
Data hold Time
5
ns
Tests, Clock, JTAG Interface
- Mclk: Master Clock (35.328MHz) generated by
VCXO
- ATM receive interface, asynchronous clock gen-
erated by Utopia Master
- ATM transmit interface, asynchronous clock
generated by Utopia Master
- ATC clock (Pclk): external asynchronous clock
(synchronous with ATC in case of i960 specific in-
terface)
JTAG TP interface: Standard Test Access Port,
Used with the boundary scan for chip and board
testing.
This JTAG TAP interface consists in 5 signals:
TDI, TDO, TCK & TMS.
TSRTB: Test Reset, reset the TAP controller.
TRSTB is an active low signal.
Table 6: Boundary Scan Chain Sequence
Sequence
Number
Mnemonic
Pin
BS Type
2
AD_0
B
3
AD_1
B
4
AD_2
B
6
AD_3
B
7
AD_4
B
9
AD_5
B
10
AD_6
B
12
AD_7
B
13
AD_8
B
14
AD_9
B
16
AD_10
B
17
AD_11
B
19
AD_12
B
21
PCLK
I
23
AD_13
B
24
AD_14
B
25
AD_15
B
27
BE1
I
28
ALE
C
30
CSB
I
31
WR_RDB
I
32
RDYB
O
33
OBC_TYPE
I
34
INTB
O
35
RESETB
I
38
U_RxData_0
B
39
U_RxData_1
B
41
U_RxData_2
B
42
U_RxData_3
B
44
U_RxData_4
B
45
U_RxData_5
B
46
VSS
47
U_RxData_6
B
48
U_RxData_7
B
50
U_RxADDR_0
I
51
U_RxADDR_1
I
52
U_RxADDR_2
I
53
U_RxADDR_3
I
55
U_RxADDR_4
I
56
GP_IN_0
i
58
GP_IN_1
I
60
U_RxRefB
O
STLC60135
21/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com