Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60135 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC60135
Description  TOSCA ADSL DMT TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60135 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC60135 Datasheet HTML 1Page - STMicroelectronics STLC60135 Datasheet HTML 2Page - STMicroelectronics STLC60135 Datasheet HTML 3Page - STMicroelectronics STLC60135 Datasheet HTML 4Page - STMicroelectronics STLC60135 Datasheet HTML 5Page - STMicroelectronics STLC60135 Datasheet HTML 6Page - STMicroelectronics STLC60135 Datasheet HTML 7Page - STMicroelectronics STLC60135 Datasheet HTML 8Page - STMicroelectronics STLC60135 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PIN FUNCTIONS (continued)
Pin
Name
Type Supply
Driver
BS
Function
92
SLR_FRAME_S
O
VDD
BT4CR
Receive Frame Identifier Interleaved
93
SLR_DATA_S_1
O
VDD
BT4CR
Receive Data Interleave 1
94
SLR_DATA_S_0
O
VDD
BT4CR
Receive Data Interleave 0
95
VDD
(VSS + 3.3V) Power Supply
96
SLR_VAL_S
O
VDD
BT4CR
Receive Data Valid Indicator Interleaved
97
SLR_DATA_F_1
O
VDD
BT4CR
Receive Data Fast 1
98
SLR_DATA_F_0
O
VDD
BT4CR
Receive Data Fast 0
99
SLR_VAL_F
O
VDD
BT4CR
Receive Data Valid Indicator Fast
100
SLAP_CLOCK
O
VDD
BT4CR
Clock for SLAP I/F
101
SLT_FRAME_F
O
VDD
BT4CR
Transmit Start of frame Indicator Fast
102
VSS
0V Ground
103
SLT_DATA_F_1
I
VDD
IBUFDQ
Transmit Data Fast 1
104
SLT_DATA_F_0
I
VDD
IBUFDQ
Transmit Data Fast 0
105
SLT_DATA_S_1
I
VDD
IBUFDQ
Transmit Data Interleave 1
106
SLT_DATA_S_0
I
VDD
IBUFDQ
Transmit Data Interleave 0
107
SLT_REQ_F
O
VDD
BT4CR
Transmit Byte Request Fast
108
VDD
(VSS + 3.3V) Power Supply
109
VSS
0V Ground
110
SLT_REQ_S
O
VDD
BT4CR
Transmit Byte Request Interleaved
111
STL_FRAME_S
O
VDD
BT4CR
Transmit Start of frame Indication Interleaved
112
TDI
I-PU
VDD
IBUFUQ
JTAG I/P
113
TDO
OZ
VDD
BT4CR
JTAG O/P
114
TMS
I-PU
VDD
IBUFUQ
JTAG Made Select
115
VDD
(VSS + 3.3V) Power Supply
116
TCK
I-PD
VDD
IBUFDQ
JTAG Clock
117
VSS
0V Ground
118
TRSTB
I-PD
VDD
IBUFDQ
JTAG Reset
119
TESTSE
I
VDD
IBUF
none
Enables scan test mode
120
GP_OUT
O
VDD
BD8SCR
O
General purpose output
121
PDOWN
O
VDD
BT4CR
O
Power down analog front end (Reset)
122
VDD
(VSS + 3.3V) Power Supply
123
AFRXD_0
I
VDD
IBUF
I
Receive data nibble
124
AFRXD_1
I
VDD
IBUF
I
Receive data nibble
125
AFRXD_2
I
VDD
IBUF
I
Receive data nibble
126
AFRXD_3
I
VDD
IBUF
I
Receive data nibble
127
VSS
0V Ground
128
CLWD
I
VDD
IBUF
I
Start of word indication
129
MCLK
I
VDD
IBUF
C
Master clock
130
CTRLDATA
O
VDD
BT4CR
O
Serial data Transmit channel
131
VDD
(VSS + 3.3V) Power Supply
132
AFTXED_0
O
VDD
BT4CR
O
Transmit echo nibble
133
AFTXED_1
O
VDD
BT4CR
O
Transmit echo nibble
134
VSS
0V Ground
135
AFTXED_2
O
VDD
BT4CR
O
Transmit echo nibble
136
AFTXED_3
O
VDD
BT4CR
O
Transmit echo nibble
137
VDD
(VSS + 3.3V) Power Supply
138
IDDq
I
VDD
IBUF
none
Test pin, active high
STLC60135
5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com