Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60135 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC60135
Description  TOSCA ADSL DMT TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60135 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC60135 Datasheet HTML 1Page - STMicroelectronics STLC60135 Datasheet HTML 2Page - STMicroelectronics STLC60135 Datasheet HTML 3Page - STMicroelectronics STLC60135 Datasheet HTML 4Page - STMicroelectronics STLC60135 Datasheet HTML 5Page - STMicroelectronics STLC60135 Datasheet HTML 6Page - STMicroelectronics STLC60135 Datasheet HTML 7Page - STMicroelectronics STLC60135 Datasheet HTML 8Page - STMicroelectronics STLC60135 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PIN FUNCTIONS
Pin
Name
Type Supply
Driver
BS
Function
1
VSS
0V Ground
2
AD_0
B
VDD
BD8SCR
B
Data 0
3
AD_1
B
VDD
BD8SCR
B
Data 1
4
AD_2
B
VDD
BD8SCR
B
Address / Data 2
5
VDD
(VSS + 3.3V) Power Supply
6
AD_3
B
VDD
BD8SCR
B
Address / Data 3
7
AD_4
B
VDD
BD8SCR
B
Address / Data 4
8
VSS
0V Ground
9
AD_5
B
VDD
BD8SCR
B
Address / Data 5
10
AD_6
B
VDD
BD8SCR
B
Address / Data 6
11
VDD
(VSS + 3.3V) Power Supply
12
AD_7
B
VDD
BD8SCR
B
Address / Data 7
13
AD_8
B
VDD
BD8SCR
B
Address / Data 8
14
AD_9
B
VDD
BD8SCR
B
Address / Data 9
15
VSS
0V Ground
16
AD_10
B
VDD
BD8SCR
B
Address / Data 10
17
AD_11
B
VDD
BD8SCR
B
Address / Data 11
18
VDD
(VSS + 3.3V) Power Supply
19
AD_12
B
VDD
BD8SCR
B
Address / Data 12
20
VSS
0V Ground
21
PCLK
I
VDD
IBUF
I
Processor clock
22
VDD
(VSS + 3.3V) Power Supply
23
AD_13
B
VDD
BD8SCR
B
Address / Data 13
24
AD_14
B
VDD
BD8SCR
B
Address / Data 14
25
AD_15
B
VDD
BD8SCR
B
Address / Data 15
26
VSS
0V Ground
27
BE1
I
VDD
IBUF
I
Address 1
28
ALE
I
VDD
IBUF
C
Address Latch
29
VDD
(VSS + 3.3V) Power Supply
30
CSB
I
VDD
IBUF
I
Chip Select
31
WR_RDB
I
VDD
IBUF
I
Specifies the direction of the access cycle
32
RDYB
OZ
VDD
BT4CR
O
Controls the ATC bus cycle termination
33
OBC_TYPE
I-PD
VDD
IBUF
I
ATC Mode Selection (0 = i960; 1 = generic)
34
INTB
O
VDD
IBUF
O
Requests ATC interrupt service
35
RESETB
I
VDD
IBUF
I
Hard reset
36
VSS
0V Ground
37
VDD
(VSS + 3.3V) Power Supply
38
U_RxData_0
OZ
VDD
BD8SRC
B
Utopia RX Data 0
39
U_RxData_1
OZ
VDD
BD8SRC
B
Utopia RX Data 1
40
VSS
0V Ground
41
U_RxData_2
OZ
VDD
BD8SRC
B
Utopia RX Data 2
42
U_RxData_3
OZ
VDD
BD8SRC
B
Utopia RX Data 3
43
VDD
(VSS + 3.3V) Power Supply
STLC60135
3/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com