Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VT5365
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VT5365 Datasheet HTML 3Page - STMicroelectronics VT5365 Datasheet HTML 4Page - STMicroelectronics VT5365 Datasheet HTML 5Page - STMicroelectronics VT5365 Datasheet HTML 6Page - STMicroelectronics VT5365 Datasheet HTML 7Page - STMicroelectronics VT5365 Datasheet HTML 8Page - STMicroelectronics VT5365 Datasheet HTML 9Page - STMicroelectronics VT5365 Datasheet HTML 10Page - STMicroelectronics VT5365 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
VT5365
Design notes
7/26
2.2
Pin description
Note:
All other pins are not connected.
Table 2.
VT5365 pin description
Pin No.
Pin Name
Type
Description
1
AVSS
PWR
Analog Ground
3
ADC_IN
I/O
Analog input
4
VHIGH
I/O
Analog Input Feedback
5
XI
OSC
12 MHz Xtal
6
XO
OSC
12 MHz Xtal
7
DVSS2
PWR
Digital Ground
8
DVDD2
PWR
1.8 V Digital Supply
9RC_TIMER
I/O
10
SGPIO1
I/O
VGATE
11
SGPIO0
I/O
PSU Select
12
GPIO7
IO
SWRIGHT - ‘Right’ switch input (active low)
13
GPIO6
I/O
SWLEFT - ‘Left’ switch input (active low)
14
GPIO5
I/O
SWMID - ‘Middle’ switch input (active low)
15
GPIO4
I/O
SWFOR - ‘Forward’ switch input (active low)
16
GPIO3
I/O
SWBACK - ‘Back’ switch input (active low)
17
GPIO2
I/O
ZB
18
GPIO1
I/O
ZA
19
GPIO0
I/O
LBAT_OUT - Low Battery Indicator
20
SDA
I/O
I2C SDA Line
21
RFOUT
I/O
RF Data
22
RFOFF
I/O
RF On
23
SCL
I/O
I2C SCL Line
24
DVDD1
PWR
1.8 V Digital Supply
25
DVSS1
PWR
Digital Ground
26
TRK_LED
I/O
Navigation LED Output
27
CHAN_SYNC
I/O
ID Button
28
VBAT
PWR
2.0 V to 3.2 V Power Supply Pin
29
DEBUG
I/O
Connect to GROUND
30
TEST
I
Connect to GROUND
32
AVDD
PWR
1.8 V analog supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com