Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VT5365
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VT5365 Datasheet HTML 6Page - STMicroelectronics VT5365 Datasheet HTML 7Page - STMicroelectronics VT5365 Datasheet HTML 8Page - STMicroelectronics VT5365 Datasheet HTML 9Page - STMicroelectronics VT5365 Datasheet HTML 10Page - STMicroelectronics VT5365 Datasheet HTML 11Page - STMicroelectronics VT5365 Datasheet HTML 12Page - STMicroelectronics VT5365 Datasheet HTML 13Page - STMicroelectronics VT5365 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Design notes
VT5365
10/26
2.5
Optical center
The optical center of the VT5365 is NOT in the centre of the package, it is offset by
-0.243 mm in the X-axis and 0.215 mm in the Y axis with respect to the centre of the
package as shown in Figure 5. The PCB designer must take this into account when laying
out the PCB.
Figure 5.
VT5365 optical center
2.6
Sensor orientation on PCB
The VT5365 must be orientated correctly on the PCB in order to move the cursor in the
correct directions when the mouse is moved. This is shown in Figure 6.
Figure 6.
VT5365 sensor orientation
Optical center (-0.243mm, +0.215mm)
mechanical center
of package (0,0)
pin 1 marking
TOP VIEW OF VT5365
pin 1 marking
TOP VIEW of PCB
UP
DOWN
LEFT
VT5365 mounted UNDERNEATH
RIGHT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com