Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VT5365
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 Datasheet(HTML) 1 Page - STMicroelectronics

  VT5365 Datasheet HTML 1Page - STMicroelectronics VT5365 Datasheet HTML 2Page - STMicroelectronics VT5365 Datasheet HTML 3Page - STMicroelectronics VT5365 Datasheet HTML 4Page - STMicroelectronics VT5365 Datasheet HTML 5Page - STMicroelectronics VT5365 Datasheet HTML 6Page - STMicroelectronics VT5365 Datasheet HTML 7Page - STMicroelectronics VT5365 Datasheet HTML 8Page - STMicroelectronics VT5365 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
March 2007
Rev 1
1/26
26
VT5365
Single chip optical/laser mouse sensor for wireless applications
Features
One chip solution with internal microprocessor
and minimal external circuitry
1.8 V (single battery) or 2.0 V to 3.2 V (serial
batteries) supply operation
Very low power operation, enabling long
battery life
800 / 1600 CPI resolution (switchable by
simultaneous button press)
Up to 10,000 frames per second
Tracking at up to 40 ips
Internal 27.045 MHz modulator available
Single 12 MHz crystal design
ST 4.8 kbps protocol
254 ID codes
Mechanical Z-wheel + 5 buttons
Low battery detect and indicator
ID update & E2 store at every CONNECT press
Firmware customization available on request
Proven, high volume package technology,
smallest package currently available on market
Suitable for use with LED and laser light
sources
Reference designs available
Applications
Wireless optical mouse for Laptop/Desktop PC
Description
The VT5365 is the first generally available
complete system on-chip for use in wireless
optical mice. The device has been designed to
provide long battery life while enabling excellent
navigation control and precision on a wide range
of surfaces. Housed in the smallest currently
available package (7 mm x 7 mm), the chip is
suitable for use in small form-factor mice
demanded by laptop users. Minimal external
circuitry is required, thereby reducing BOM and
assembly costs.
Table 1.
Technical specifications
Resolution
800 (default) / 1600 CPI
Pixel size
30.4 µm
Array size
20*20 pixels
Frame rate
Up to 10,000 frames/second
High speed motion
detector(1)
1.
Speed limitation is due to RF protocol, which is also in
line with the USB Low Speed Device. The VT5365
motion detector can handle up to 40 ips.
400 CPI - 32 ips
800 CPI - 16 ips
1600 CPI - 8 ips
3200 CPI - 4 ips
Clock
12 MHz
Supply voltage
1.8 V
Supply current(2)
2.
All currents were measured on an ST Reference
Design Mouse supplied with 1.8 V at maximum
exposure and include an IR LED and RF stage.
Fast RUN (10 Kfps) - 28 mA
Slow RUN (2.5 Kfps) - 16 mA
IDLE 1 - 500 µA
IDLE 2 - 120 µA
SLEEP - 60 µA
Operating temperature [0 - 60] ° C
Package type
7*7 mm 32 lead LOQFP
(Low profile Optical Quad
Flat Pack)
www.st.com


Similar Part No. - VT5365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5365 STMICROELECTRONICS-VT5365 Datasheet
50Kb / 5P
Single-chip optical mouse sensor for wireless applications
13-Jun-2006
VT5365V032 STMICROELECTRONICS-VT5365V032 Datasheet
50Kb / 5P
Single-chip optical mouse sensor for wireless applications
13-Jun-2006
More results

Similar Description - VT5365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5365 STMICROELECTRONICS-VT5365 Datasheet
50Kb / 5P
Single-chip optical mouse sensor for wireless applications
13-Jun-2006
logo
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
WIRELESS OPTICAL MOUSE SINGLE CHIP
PAN3501UI PIXART-PAN3501UI Datasheet
443Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3203DI PIXART-PAW3203DI Datasheet
275Kb / 14P
WIRELESS OPTICAL MOUSE SINGLE CHIP
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3603DH PIXART-PAW3603DH Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
logo
Pixart Imaging Inc.
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
Single Chip USB Optical Mouse Sensor
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
Single Chip USB Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com