Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VT5365
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 Datasheet(HTML) 4 Page - STMicroelectronics

  VT5365 Datasheet HTML 1Page - STMicroelectronics VT5365 Datasheet HTML 2Page - STMicroelectronics VT5365 Datasheet HTML 3Page - STMicroelectronics VT5365 Datasheet HTML 4Page - STMicroelectronics VT5365 Datasheet HTML 5Page - STMicroelectronics VT5365 Datasheet HTML 6Page - STMicroelectronics VT5365 Datasheet HTML 7Page - STMicroelectronics VT5365 Datasheet HTML 8Page - STMicroelectronics VT5365 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Introduction
VT5365
4/26
1
Introduction
The VT5365 sensor is a single-chip solid state optical tracking engine with no moving parts.
It allows the creation of a high performance, fully featured wireless mouse with the minimum
of external components. The device, which provides excellent navigation control and
precision, works on a wide range of surfaces.
The VT5365 incorporates features that simplify product design and reduce time to market.
By minimizing the number of external components, the mouse manufacturer has flexibility
for layout and product design.
ST has worked with optical component suppliers to produce a single piece light guide with
integrated lens, and makes recommendations for a compatible LED. Details of the optics
and LED are included in this document.
Figure 1.
VT5365 reference design mouse
1.1
Detailed overview
The VT5365 has been optimized for low power operation, enabling long battery life, which is
achieved by either a single 1.8 V or 2.0 V to 3.2 V supply.
The on-chip regulators allow for a wide range of power supplies taken from 2 batteries in
series, enabling a low cost BOM. However, for the most efficient power consumption, the
regulators can be bypassed so that the chip is driven at the minimal supply of 1.8 V by an
external power source (typically a DC/DC convertor from a single cell voltage). In both
cases, an on-chip DCDC regulator controls the LED, so that only a single 1.8 V supply is
required for the overall application. The supply scheme is selected by connecting an IO to
GND or VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com