Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VT5365
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VT5365 Datasheet HTML 13Page - STMicroelectronics VT5365 Datasheet HTML 14Page - STMicroelectronics VT5365 Datasheet HTML 15Page - STMicroelectronics VT5365 Datasheet HTML 16Page - STMicroelectronics VT5365 Datasheet HTML 17Page - STMicroelectronics VT5365 Datasheet HTML 18Page - STMicroelectronics VT5365 Datasheet HTML 19Page - STMicroelectronics VT5365 Datasheet HTML 20Page - STMicroelectronics VT5365 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
VT5365
Customizable firmware
17/26
4.5
RF channels
The chip features a digital programmable frequency synthesizer using a 108 MHz clock as
an input, creating fractionally divided signals with frequencies around 27 MHz.
The different frequencies available are listed below:
●
F = 26.995 MHz,
●
F = 27.045 MHz, (default)
●
F = 27.095 MHz,
●
F = 27.145 MHz,
●
F = 27.195 MHz,
●
F = 27.245 MHz
The ST firmware enables all the frequencies, with the default (at power up) being
27.045 MHz. Depending on particular requirements, the customer can choose to have up to
all six frequencies available, selecting their own default channel.
Note:
As the output is digital, it will feature some unwanted frequency components, that will
require additional filtering circuitry to remove.
4.6
CPI
The customer can choose their own default CPI, although increasing the CPI will decrease
the maximum speed (due to the RF protocol). For example:
●
400 CPI : max. speed = 32 ips
●
800 CPI : max. speed = 16 ips
●
1600 CPI : max. speed = 8 ips
●
3200 CPI : max. speed = 4 ips
4.7
Motion sensitivity tuning
The motion engine has the ability to force no motion detection, if the features reported to it
are less than the minimum feature threshold. As at this point the mouse is either on a very
low contrast surface or is raised, the motion detection is stopped as noise could create false
wake-ups.
Depending on the typical surfaces to be used, the customer can decide on the threshold
value to enable the best balance between the mouse working on low contrast surfaces and
being able to go into it’s non-run (idle/sleep) modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com