Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VT5365
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VT5365 Datasheet HTML 17Page - STMicroelectronics VT5365 Datasheet HTML 18Page - STMicroelectronics VT5365 Datasheet HTML 19Page - STMicroelectronics VT5365 Datasheet HTML 20Page - STMicroelectronics VT5365 Datasheet HTML 21Page - STMicroelectronics VT5365 Datasheet HTML 22Page - STMicroelectronics VT5365 Datasheet HTML 23Page - STMicroelectronics VT5365 Datasheet HTML 24Page - STMicroelectronics VT5365 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
VT5365
LED selection
21/26
6
LED selection
6.1
Overview
There are a number of LEDs from a range of suppliers which will work well with the VT5365.
It is the responsibility of the customer to ensure that the chosen LED works in their specific
implementation. There are various price/performance trade-offs that can be made.
6.2
Key LED parameters
For optimal performance, the VT5365 system requires a bright visible RED LED in a
standard 5 mm (T1 3/4) package. The ideal viewing angle is 20o and the intensity should be
at least 900 mcd at a forward current of 20 mA. The key LED parameters are listed in
Table 4:
6.3
VCSEL & IR illumination
The VT5365 sensor will operate over a wide range of illuminant wavelengths. For devices
operating at approx 850 nm (IR LED or VCSEL), the on-die automatic exposure controller
(AEC) will compensate for the change in sensitivity compared to 640 nm (red LED).
Navigation performance may be improved by increasing the illuminated device drive.
Table 4.
Key LED parameters
Parameter
Recommended value
Notes
Diameter
5 mm
important for fit with lens
Length
8.6 mm
Important for fit with lens
Material
AlInGaP
For long-term reliability
Luminous intensity
(@20 mA)
900 mcd
Minimum value
Viewing angle
20o
Half intensity
Mechanical accuracy
+/- 2o
Accuracy of the die positioning within the LED
body
Colour
Red
Wavelength
640 nm +/- 50 nm
Relative Illumination at
sensor plane for a circle
of 1.1 mm diameter
80%
Illumination value required for Red/IR LED and
VCSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com