Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VT5365
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VT5365 Datasheet HTML 10Page - STMicroelectronics VT5365 Datasheet HTML 11Page - STMicroelectronics VT5365 Datasheet HTML 12Page - STMicroelectronics VT5365 Datasheet HTML 13Page - STMicroelectronics VT5365 Datasheet HTML 14Page - STMicroelectronics VT5365 Datasheet HTML 15Page - STMicroelectronics VT5365 Datasheet HTML 16Page - STMicroelectronics VT5365 Datasheet HTML 17Page - STMicroelectronics VT5365 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ST default firmware
VT5365
14/26
3.9.1
Power management scheme
Figure 7.
Power management modes
The VT5365 has a four state power scheme - RUN, IDLE1, IDLE2, and SLEEP.
RUN mode is the mode where the whole system is up and running. This mode has three
submodes, dependant on the mouse velocity: 2.5 Kfps (for motion slower than 3 ips), 5 Kfps
(for motion between 3 and 6 ips) and 10 Kfps (for motion faster than 6 ips).
As long as there is some motion or any GPIO activity (e.g. Z-wheel, buttons) the mouse will
remain in this state.
After 50 ms of mouse inactivity, the mouse goes into the IDLE1 mode. In this mode the
system wakes up for 1 frame every 10 ms and checks for motion: if the mouse has not
moved, the system automatically goes back to its low power state, otherwise the system will
go into RUN mode.
Note:
As described in Figure 7 above, the system will wake up if any GPIO activity occurs during
the low power states. GPIO means - in this case - the CHANNEL_SYNC and the standard
GPIOs (e.g. buttons, Z-wheel).
After 25 seconds of IDLE1 mode, the system then goes into IDLE2 mode, where it wakes up
for 1 frame every 100 ms.
After 10 minutes of no activity, the system then falls into SLEEP mode, which is exactly the
same as the IDLE modes except that the system wakes up only every 500 ms to check
motion activity. As per the IDLE modes, any GPIO activity will send the system back to RUN
mode.
RUN MODE:
System up and running (2 sub-modes):
- low frame rate (2.5 Kfps) for slow motion
- fast frame rate (10 Kfps) for fast motion
IDLE 1 MODE:
System wakes for 1 frame every
10 ms to check for motion
SLEEP MODE:
System wakes for 1 frame every
500 ms to check for motion
IDLE 2 MODE:
System wakes for 1 frame every
100 ms to check for motion
After 10 mins of
IDLE 2 mode
After 25 secs of
IDLE 1 mode
No motion and/or
GPIO activity for
200 ms
Motion detected and/or
GPIO activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com