Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VT5376
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 Datasheet(HTML) 1 Page - STMicroelectronics

  VT5376 Datasheet HTML 1Page - STMicroelectronics VT5376 Datasheet HTML 2Page - STMicroelectronics VT5376 Datasheet HTML 3Page - STMicroelectronics VT5376 Datasheet HTML 4Page - STMicroelectronics VT5376 Datasheet HTML 5Page - STMicroelectronics VT5376 Datasheet HTML 6Page - STMicroelectronics VT5376 Datasheet HTML 7Page - STMicroelectronics VT5376 Datasheet HTML 8Page - STMicroelectronics VT5376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
September 2008
Rev 2
1/30
30
VT5376
Ultra-low power laser motion sensor for laser mouse applications
Features
■ Ultra-low power performance and high
speed/high accuracy motion detection
(1 m/s, 20 g)
■ Optional on-chip power management scheme
(RUN/IDLE1/IDLE2/SLEEP)
■ On-chip boost-converter controller enables a
complete autonomous single AA/AAA-type
battery supply application
■ Very low quiescent and operating current mode
for battery life saving
■ I2C interface, with fast polling rate capability for
high end applications
(report rate up to 1 per ms)
■ Internal oscillator
■ CPI programmable up to 3200 CPI
■ On-chip ADC for battery level reporting
■ Laser drive circuitry, fault detection scheme
and safety features
■ Versatile usage: the sensor is designed to
operate with a companion microcontroller, and
can be used for any laser/LED mouse system
although it is optimized for wireless
applications (27 MHz/2.4 GHz/BT).
■ RoHS (lead-free) package
Applications
■ Ultra-low power wireless laser mouse,
27 MHz, 2.4 GHz and Bluetooth
■ Also suitable for laser USB mouse applications
Description
This device is intended to fit into any 2-chip
applications (companion MCU) and offers the
best compromise between application cost,
power and performance.
Figure 1.
Application block diagram
VT5376
MCU
SDA
SCL
Motion
Power Down
Single battery
VBat
AVDD
DVDD
Buttons
Scroll Wheel
Tilt Wheel
ResetOut
VGATE Start
VGATE On
VTOP
VTOP
Laser Out
Vtop
Laser NEN
RC_OSC
VREG
(>=2.2V)
Vtop
VREF
RF module
/ USB
RBIN
www.st.com


Similar Part No. - VT5376

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
VT5363 STMICROELECTRONICS-VT5363 Datasheet
509Kb / 23P
Single-chip USB/PS2 optical mouse
24-Jan-2007
VT5363V032 STMICROELECTRONICS-VT5363V032 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
VT5363V032 STMICROELECTRONICS-VT5363V032 Datasheet
509Kb / 23P
Single-chip USB/PS2 optical mouse
24-Jan-2007
VT5363 STMICROELECTRONICS-VT5363_07 Datasheet
509Kb / 23P
Single-chip USB/PS2 optical mouse
24-Jan-2007
More results

Similar Description - VT5376

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3603DH PIXART-PAW3603DH Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
Laser Mouse Sensor
ADNK-7050 AVAGO-ADNK-7050 Datasheet
107Kb / 1P
Low Power Laser Mouse Sensor
logo
Pixart Imaging Inc.
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
Low Power Laser Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
Laser Mouse Sensor
ADNK-6030 AVAGO-ADNK-6030 Datasheet
120Kb / 1P
Low Power Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6030 BOARDCOM-ADNK-6030 Datasheet
120Kb / 1P
Low Power Laser Mouse Sensor
ADNK-7050 BOARDCOM-ADNK-7050 Datasheet
107Kb / 1P
Low Power Laser Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com