Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VT5376
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VT5376 Datasheet HTML 14Page - STMicroelectronics VT5376 Datasheet HTML 15Page - STMicroelectronics VT5376 Datasheet HTML 16Page - STMicroelectronics VT5376 Datasheet HTML 17Page - STMicroelectronics VT5376 Datasheet HTML 18Page - STMicroelectronics VT5376 Datasheet HTML 19Page - STMicroelectronics VT5376 Datasheet HTML 20Page - STMicroelectronics VT5376 Datasheet HTML 21Page - STMicroelectronics VT5376 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Laser
VT5376
18/30
6.2
Laser or led system managed by host (external micro)
The host must first select LED or LASER (bit [1] of register 0x05).
●
LED
The host must select if the LED is to be driven by the internal DAC or an external
current supply using bit [5] of register 0x05 (led_dac_driven). Bit [3] of register 0x05
(host_config_done) then needs to be set.
–
Case internal DAC drive: VT5376 sets the maximum current from the DAC and
the system starts running.
–
Case external drive: VT5376 powers down its laser_drive and the led_on signal
is present on the LASER_NEN pin.
●
LASER
The host must first decide whether to perform LASER fault detection (described in
Section 6.3) then set bit [3] of register 0x05 (host_config_done).
If the system passes the laser fault detection (or laser fault detect was not performed),
the host can then adjust the LASER DAC current by writing a value to bits [0-6] in
register 0x0A AND writing its complementary value to bits [0-6] of register 0x0D, if the
values are not compatible the VT5376 applies the minimum DAC current.
6.3
Laser fault detection and safety feature
The sensor includes a set of diagnostic features that can be carried out at power-up (before
setting host_config_done). The tests listed below can be selected.
●
Check LASER_OUT is not shorted to VDD (LASER_OUT < 1.2V).
–
Enable DAC and disable OUT_HIGH switch by writing 0xF7 to register 0x0B (Top_
laser_setting), then make force_laser_out_on = 1, by writing 0x01 to bit 7 of
register 0x0A (Top_laser_DAC_setting), and 0 to it’s complementary bit (bit 7) in
register 0x0D (Top_laser_Dac_setting_C). Finally read bit 6 of register 0xC to
ensure that laser_low = 1.
External LASER_NEN switch must be fitted in order to make LASER_OUT go
below 0.4V.
●
Check LASER_OUT and RBIN are not shorted to GND (LASER_OUT and
RBIN > 0.4V).
–
Disable DAC and enable OUT_HIGH switch (force_laser_out_high = 1) by writing
0xFE to register 0x0B (Top_laser_setting). Then read register 0x0C
(Top_laser_diagnostics) to ensure that bit 7 (laser_high) is set to 1 and bit 5
(Rbin_low) is set to 0.
If the result of these tests is a pass then the MCU can set the laser system as follows:
1.
Set bit [3] of register 0x05 (host_config_done).
2.
Write 0x25 (laser_drive and laser_nen enable) in register 0x0B (Top_laser_setting).
3.
Write the required DAC value (bits 0-6) in register 0x0A (Top_laser_DAC_setting)
ensuring that force_laser_out_on = 0. Write the 1’s complement value of the above
setting in register 0x0D (Top_laser_Dac_setting_C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com