Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VT5376
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VT5376 Datasheet HTML 13Page - STMicroelectronics VT5376 Datasheet HTML 14Page - STMicroelectronics VT5376 Datasheet HTML 15Page - STMicroelectronics VT5376 Datasheet HTML 16Page - STMicroelectronics VT5376 Datasheet HTML 17Page - STMicroelectronics VT5376 Datasheet HTML 18Page - STMicroelectronics VT5376 Datasheet HTML 19Page - STMicroelectronics VT5376 Datasheet HTML 20Page - STMicroelectronics VT5376 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
VT5376
Laser
17/30
6
Laser
6.1
Direct laser drive and calibration
The sensor includes a 7-bit DAC and an output current source.
The DAC value must be set via two I2C commands after power-up (default is MIN = 3.4mA,
with Rbin = 12K).
To allow VCSEL output power measurements to be done, the user can set the laser out
(normally strobed during operation) to continuously on via an I2C command. This feature is
optional and is designed to offer maximum flexibility.
Alternatively, the Idac maximum (up to a max = 13mA) and minimum values can be changed
by adjusting the Rbin value (for example, with Rbin = 24K, Idac max = 5mA and Idac min =
1.7mA).
Idac max is set by the formula:
Idac (max) = 120/Rbin (result in mA, Rbin in kohms)
No external driver is required, just a FET power switch controlled by LASER_NEN signal.
Figure 9.
Application schematics using Laser or LED (driven with internal DAC or external
current source)
LASER_NEN
LASER_OUT
RBIN
Laser system driven by internal DAC
laser_selected = 1
VTOP
VT5376
LASER_OUT
RBIN
LED system driven by internal DAC
laser_selected = 0
VTOP
VT5376
LASER_NEN
LASER_OUT
RBIN
LED system driven by external drive
laser_select = 0
VTOP
VT5376
led_dac_driven = 1
led_dac_driven = 0
laser
LED
LED
36X trk_led (active high)
LASER_NEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com