Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VT5376
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VT5376 Datasheet HTML 7Page - STMicroelectronics VT5376 Datasheet HTML 8Page - STMicroelectronics VT5376 Datasheet HTML 9Page - STMicroelectronics VT5376 Datasheet HTML 10Page - STMicroelectronics VT5376 Datasheet HTML 11Page - STMicroelectronics VT5376 Datasheet HTML 12Page - STMicroelectronics VT5376 Datasheet HTML 13Page - STMicroelectronics VT5376 Datasheet HTML 14Page - STMicroelectronics VT5376 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VT5376
Interface
11/30
Figure 6.
Single read
As mentioned in the previous example, the read message is terminated with a negative
acknowledge (A) from the master.
Multiple location write
It is possible to write data bytes to consecutive adjacent internal registers without having to
send explicit indexes prior to sending each data byte.
Note:
An auto-increment write is assumed if no stop condition occurs.
Figure 7.
Multiple location write
Multiple location read: reading motion value example
Multiple locations can be read within a single read message. An auto-increment write is
assumed.
Note:
Registers are read until the master Nacks the data.
Figure 8.
Multiple location read: reading motion
S
A
Sr
A
A
20h
20h
21h
15
No data write
Read data
from the master
NAck
P
A
SA
11
A
AA
20h
07h
C1
Incremental write
P
data written
@ index = 08
data written
@ index = 07
Incremental read
SA
A
20h
21h
Sr
Xmotion
Ymotion
No data write
AA
P
A
21h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com