Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VT5376
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 Datasheet(HTML) 4 Page - STMicroelectronics

  VT5376 Datasheet HTML 1Page - STMicroelectronics VT5376 Datasheet HTML 2Page - STMicroelectronics VT5376 Datasheet HTML 3Page - STMicroelectronics VT5376 Datasheet HTML 4Page - STMicroelectronics VT5376 Datasheet HTML 5Page - STMicroelectronics VT5376 Datasheet HTML 6Page - STMicroelectronics VT5376 Datasheet HTML 7Page - STMicroelectronics VT5376 Datasheet HTML 8Page - STMicroelectronics VT5376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Motion performance
VT5376
4/30
1
Motion performance
The sensor can operate with a VCSEL or LED (visible and IR), and when bundled with the
appropriate optics subsystem is able to track motion on a wide range of surfaces up to
speeds of 1m/s (40 ips), and to detect acceleration of up to 20 g. The sensor achieves this
top speed with very low drift and high accuracy.
Note:
Although this device features an UltraLowPower motion detection machine, the power
saving has not been achieved by compromising tracking accuracy.
1.1
Technical specifications
1.
Using internal boost converter controller. Otherwise, voltage supply ranges from 1.7V to 1.9V.
1.2
Battery life management
The battery life management (in no motion state) can be done manually where the external
MCU is the master and controls the sensor state via its POWERDOWN pin (default mode).
Alternatively, the sensor can manage its own power states. In no motion, it cycles through
IDLE and SLEEP modes automatically without any intervention from the MCU.
Therefore by using the sensor’s automatic power management, the MCU can be fully
switched OFF in the case of no motion allowing for extra power savings, and resulting in a
very simple driver firmware design.
1.2.1
Manual power management via POWERDOWN pin
In this mode the chip is woken-up by de-asserting the POWERDOWN pin. When doing so
both the analog and DCDC engines are woken up in a programmed sequence. The
POWERDOWN pin can be re-asserted straight away as the sensor undergoes just a single
frame sequence.
Table 1.
Technical specifications
Parameter
Description
Resolution
Programmable up to 3200 CPI
Pixel size
30.4µm
Array size
20*20 pixels
Frame rate
up to 4000 fps
Tracking performances
Laser or LED: 1m/s
Very low drift.
Supply voltage
1 V to 1.6 V (1)
Operating temperature
0°C to 60°C
Package type
7 mm x 7 mm x 1.4 mm 32 lead LOQFP
(Low profile Optical Quad Flat Pack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com