Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VT5376
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 Datasheet(HTML) 5 Page - STMicroelectronics

  VT5376 Datasheet HTML 1Page - STMicroelectronics VT5376 Datasheet HTML 2Page - STMicroelectronics VT5376 Datasheet HTML 3Page - STMicroelectronics VT5376 Datasheet HTML 4Page - STMicroelectronics VT5376 Datasheet HTML 5Page - STMicroelectronics VT5376 Datasheet HTML 6Page - STMicroelectronics VT5376 Datasheet HTML 7Page - STMicroelectronics VT5376 Datasheet HTML 8Page - STMicroelectronics VT5376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
VT5376
Motion performance
5/30
1.2.2
Automatic power management via internal timer
In this mode, after having written the initialization I2C command, the POWERDOWN pin
must be left high at all times.
In running mode the motion engine operation is basically the same as the manual power
management mode, however, in the case of no motion (after a set time) the chip now has
the ability to put itself to sleep for a determined period of time. This mode features the usual
modes: RUNNING, IDLE1, IDLE2 and SLEEP, with on-chip preprogrammed time constants
(firmware).
If no motion is detected the VT5376 will in turn cycle to IDLE1/IDLE2 then SLEEP. In each of
these modes, the behavior is a single frame operation; the RC timer is programmed to wake
up for the next period then the sensor goes to sleep. The MOTION pin will go high if motion
is detected. The sensor will remain in RUN mode until the host has polled ALL motion data.
In this automatic power management mode the external MCU can set itself to STDBY and
just wait for the MOTION pin to come up, hence saving power in the no motion condition.
This enables the application MCU firmware to be simplified as much as possible.
Figure 2.
Automatic power management
The VT5376 automatic power management has a four state power scheme; RUN, IDLE1,
IDLE2 and SLEEP.
RUN mode is the mode where the whole system is up and running. This mode has three
sub-modes, dependant on the mouse velocity: 1K fps (for motion slower than 4 ips), 2K fps
(for motion between 4 ips and 8 ips) and 4K fps (for motion faster than 8 ips). As long as
there is motion the mouse will remain in this state.
After 50 ms of mouse inactivity the mouse goes into the IDLE 1 mode. In this mode, the
system wakes up every 10 ms for 1 frame and checks for motion; if the mouse has not
moved the system automatically goes back to its low power state otherwise the system will
go into RUN mode.
After 8 seconds of IDLE 1 mode, the system then goes into IDLE 2 mode where it wakes up
for 1 frame every 100 ms. After 10 minutes of no activity the system falls into SLEEP mode,
R UN M O D E
SL EEP M O DE
ID L E 1 M O D E
System is up and running (3 sub m odes):
- low fram e rate (1K fps) for m otion slow er than 4ips
- m edium fram e rate (2Kfps) for m otion betw een 4 and 8ips
- fast fram e rate (4K fps) for m otion faster than 8ips
After 10 m ins of ID LE 2 m ode
N o m otion for 50m s
M otion detected
System w akes for
1 fram e every 500m s
to check for m otion
ID L E 2 M O D E
System w akes for
1 fram e every 100m s
to check for m otion
After 8 secs of ID LE 1 m ode
S ystem w akes for
1 fram e every 10m s
to check for m otion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com